Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH40480800BCNDNNTHCWC Datasheet(PDF) 10 Page - Jewel Hill Electronic

Part # JH40480800BCNDNNTHCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH40480800BCNDNNTHCWC Datasheet(HTML) 10 Page - Jewel Hill Electronic

Back Button JH40480800BCNDNNTHCWC Datasheet HTML 6Page - Jewel Hill Electronic JH40480800BCNDNNTHCWC Datasheet HTML 7Page - Jewel Hill Electronic JH40480800BCNDNNTHCWC Datasheet HTML 8Page - Jewel Hill Electronic JH40480800BCNDNNTHCWC Datasheet HTML 9Page - Jewel Hill Electronic JH40480800BCNDNNTHCWC Datasheet HTML 10Page - Jewel Hill Electronic JH40480800BCNDNNTHCWC Datasheet HTML 11Page - Jewel Hill Electronic JH40480800BCNDNNTHCWC Datasheet HTML 12Page - Jewel Hill Electronic JH40480800BCNDNNTHCWC Datasheet HTML 13Page - Jewel Hill Electronic JH40480800BCNDNNTHCWC Datasheet HTML 14Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
JH40480800B
VER: 1.0
- 9 -
Issue date: 2013/08/15
JEWEL HILL ELECTRONIC CO.,LTD.
7.Pin Description
Pin NO.
Symbol
Description
1
LEDK
LED-
2
LEDA
LED+
3
YU
NC
4
XR
NC
5
YD
NC
6
XL
NC
7
GND
GROUND
8
VCI
power supply 2.8V
9
(ASL)
NC
10
IOVCC
power supply 1.8/2.8V
11
TE
Data bus. Frame head pulse signal output pin
12
SDO
Serial data output pin
13
SDI
Serial data input pin
14
WR/SCL
Write enable clock input pin
15
CS
CHIP SELECT PIN
16
RESET
Reset pin
17~40
DB23~DB0
Data bus
41
DE(ENABLE)
Data ENEABLE signal
42
PCLK(DOTCK)
Dot clock signal
43
HS
RGB I/F line synchronous signal
44
VS
RGB I/F frame synchronous signal
45
LEDPWM
Control signal for brightness of LED backlight
46
LEDON
Control signal for LED backlight is on or off
47
RS
Command/display data select pin
48
RD
Read enable clock input pin
49
IM0
Interface mode select
50
IM1
Interface mode select
51
GND
GROUND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com