Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH35320480BCNLNNFZCWC Datasheet(PDF) 10 Page - Jewel Hill Electronic

Part # JH35320480BCNLNNFZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH35320480BCNLNNFZCWC Datasheet(HTML) 10 Page - Jewel Hill Electronic

Back Button JH35320480BCNLNNFZCWC Datasheet HTML 6Page - Jewel Hill Electronic JH35320480BCNLNNFZCWC Datasheet HTML 7Page - Jewel Hill Electronic JH35320480BCNLNNFZCWC Datasheet HTML 8Page - Jewel Hill Electronic JH35320480BCNLNNFZCWC Datasheet HTML 9Page - Jewel Hill Electronic JH35320480BCNLNNFZCWC Datasheet HTML 10Page - Jewel Hill Electronic JH35320480BCNLNNFZCWC Datasheet HTML 11Page - Jewel Hill Electronic JH35320480BCNLNNFZCWC Datasheet HTML 12Page - Jewel Hill Electronic JH35320480BCNLNNFZCWC Datasheet HTML 13Page - Jewel Hill Electronic JH35320480BCNLNNFZCWC Datasheet HTML 14Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
JH35320480B
VER: 0.1
- 9 -
Issue date: 2013/08/01
JEWEL HILL ELECTRONIC CO.,LTD.
7. Pin Description
Pin NO.
Symbol
Description
1
IOVCC
The
power supply 1.8/2.8V
2
FLM
Tearing Effect output signal
3
GND
GROUND
4
ENABLE
Data enable signal in DPI operation
5
DOTCLK
Pixel clock signal
6
GND
GROUND
7
HYSNC
Line synchronous signal
8
IM0
Interface select signal
9
IM1
Interface select signal
10
IM2
Interface select signal
11
IOVCC
The
power supply 1.8/2.8V
12
VCC
The
power supply 2.8V
13
SDI
Serial data input pin
14
CABC-PWM
Control signal for brightness of LED backlight
15-32
DB17-DB0
Data Bus
33
RESET
RESET pin
34
RD
Read enable clock input pin
35
WR/SCL
Write enable clock input pin
36
RS
Command/display data select pin
37
CS
CHIP SELECT PIN
38
LEDK6
LED-
39
LEDK5
LED-
40
LED_K4
LED-
41
LED_K3
LED-
42
LED_K2
LED-
43
LED_K1
LED-
44
LEDA
LED+
45
LCM-ID
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com