Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX61622A-R3B Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # EX61622A-R3B
Description  Industrial Managed 8-port 10/100BASE and 2-port Gigabit Ethernet Switch with SFP options
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EX61622A-R3B Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  EX61622A-R3B Datasheet HTML 1Page - Axiomtek Co., Ltd. EX61622A-R3B Datasheet HTML 2Page - Axiomtek Co., Ltd. EX61622A-R3B Datasheet HTML 3Page - Axiomtek Co., Ltd. EX61622A-R3B Datasheet HTML 4Page - Axiomtek Co., Ltd. EX61622A-R3B Datasheet HTML 5Page - Axiomtek Co., Ltd. EX61622A-R3B Datasheet HTML 6Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EX61000A Series
www.EtherWAN.com
1
rev. A5
Overview
EtherWAN’s EX61000A Series provides an industrial Fully Managed 10-port switching platform combining high performance
switching backbone with robust and secure management features required for mission critical and harsh environments where
sustained connectivity is crucial.
The EX61000A Series is equipped with ten 10/100BASE Fast Ethernet ports, or a combination with up to two Gigabit, Fixed Fiber, or
SFP port options. Mountable on a DIN-rail, the EX61000A Series is equipped with EtherWAN’s Alpha-Ring self-healing technology,
providing less than 15ms fault recovery time making it ideal for applications intolerant to interruption.
Users are able to access management features such as; port security, IGMP snooping, VLANs, GARP protocols, LACP, and via web
browser, Telnet, SNMP, RMON, TFTP, and RS-232 console interfaces.
EtherWAN — "When Connectivity is Crucial."
Spotlight
•VersatileConnectivity
◦ Provides 8-port 10/100BASE-TX/FX/BX/SFP plus 2-port Gigabit-SX/LX/BX/SFP
•IndustrialGrade
◦ Operating temperature range from -10°C to 60°C (-14°F to 140°F) for industrial environments
◦ Fanless and ruggedized housing
•SecureRemoteAccess
◦ IEEE802.1x and RADIUS support
EX61000ASeries
IndustrialManaged8-port10/100BASEand2-portGigabit
EthernetSwitchwithSFPoptions
UL
508
SFP
Option


Similar Part No. - EX61622A-R3B

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EX612 EXTECH-EX612 Datasheet
385Kb / 14P
400Amp True RMS AC Clamp Meter
EX613 EXTECH-EX613 Datasheet
384Kb / 14P
400Amp True RMS AC/DC Clamp Meter
EX613 EXTECH-EX613_15 Datasheet
306Kb / 1P
400A Dual Input Clamp Meters IR Thermometer NCV
More results

Similar Description - EX61622A-R3B

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EX27000 AXIOMTEK-EX27000 Datasheet
1Mb / 6P
IEC61850-3/IEEE1613 Managed 24-port 10/100BASE and 4-port Gigabit Ethernet Switch with SFP options
EX65000 AXIOMTEK-EX65000 Datasheet
1Mb / 2P
Managed Industrial 8-port Gigabit Ethernet Switch
EX63000 AXIOMTEK-EX63000 Datasheet
545Kb / 6P
Industrial Managed 16-port 10/100BASE with 2-port Gigabit combo Ethernet Switch
EX71000 AXIOMTEK-EX71000 Datasheet
853Kb / 6P
Hardened Managed 8-port 10/100BASE and 2-port Gigabit Ethernet Switch with SFP options
EX74000 AXIOMTEK-EX74000 Datasheet
564Kb / 5P
Hardened Managed 6-port 10/100BASE with 2-port SFP Gigabit combo Ethernet Switch
EX77000 AXIOMTEK-EX77000 Datasheet
895Kb / 6P
Hardened Managed 24-port 10/100BASE and 4-port Gigabit Ethernet Switch with SFP options
EX78000 AXIOMTEK-EX78000 Datasheet
719Kb / 6P
Hardened Managed 10-port 10/100BASE and 2-port Gigabit Ethernet Switch
EX87000 AXIOMTEK-EX87000 Datasheet
736Kb / 6P
IEC61850-3/IEEE1613 Hardened Managed 24-port 10/100BASE and 4-port Gigabit Ethernet Switch with SFP options
logo
ORing Industrial Networ...
IGS-3044GC ORING-IGS-3044GC Datasheet
1Mb / 4P
Industrial 8-port managed Gigabit Ethernet switch
IGS-9080 ORING-IGS-9080 Datasheet
1Mb / 5P
Industrial 8-port managed Gigabit Ethernet switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com