Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH35320480DCNDMNTZCWC Datasheet(PDF) 10 Page - Jewel Hill Electronic

Part # JH35320480DCNDMNTZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH35320480DCNDMNTZCWC Datasheet(HTML) 10 Page - Jewel Hill Electronic

Back Button JH35320480DCNDMNTZCWC Datasheet HTML 6Page - Jewel Hill Electronic JH35320480DCNDMNTZCWC Datasheet HTML 7Page - Jewel Hill Electronic JH35320480DCNDMNTZCWC Datasheet HTML 8Page - Jewel Hill Electronic JH35320480DCNDMNTZCWC Datasheet HTML 9Page - Jewel Hill Electronic JH35320480DCNDMNTZCWC Datasheet HTML 10Page - Jewel Hill Electronic JH35320480DCNDMNTZCWC Datasheet HTML 11Page - Jewel Hill Electronic JH35320480DCNDMNTZCWC Datasheet HTML 12Page - Jewel Hill Electronic JH35320480DCNDMNTZCWC Datasheet HTML 13Page - Jewel Hill Electronic JH35320480DCNDMNTZCWC Datasheet HTML 14Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
JH35320480D
VER: 1.0
- 9 -
Issue date: 2013/08/12
JEWEL HILL ELECTRONIC CO.,LTD.
7.Pin Descriptio
Pin NO.
Symbol
Description
1
TE
Tearing Effect pin
2
VCI
Power Supply for analog circuit(2.8V)
3
IOVCC
Power Supply for digital circuit(1.8/2.8V)
4
CS
Chip select input pin
5
RS
Data/Command Write Select pin
6
WR
Write execution control pin
7
RD
Read execution control pin
8
RESET
System Reset Pin
9-24
DB0-DB15
Date bus
25
GND
Date bus
26
YD
No connection
27
XL
No connection
28
YU
No connection
29
XR
No connection
30
K1
Cathode1 pin of backlight
31
K2
Cathode2 pin of backlight
32
K3
Cathode3 pin of backlight
33
K4
Cathode4 pin of backlight
34
K5
Cathode5 pin of backlight
35
K6
Cathode6 pin of backlight
36
A
Anode pin of backlight
37
GND
Power Ground
38
NC
No connection
39
NC
No connection
8.Outline Dimension



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com