Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH35320480BCNRMNFZCWC Datasheet(PDF) 14 Page - Jewel Hill Electronic

Part # JH35320480BCNRMNFZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH35320480BCNRMNFZCWC Datasheet(HTML) 14 Page - Jewel Hill Electronic

Back Button JH35320480BCNRMNFZCWC Datasheet HTML 10Page - Jewel Hill Electronic JH35320480BCNRMNFZCWC Datasheet HTML 11Page - Jewel Hill Electronic JH35320480BCNRMNFZCWC Datasheet HTML 12Page - Jewel Hill Electronic JH35320480BCNRMNFZCWC Datasheet HTML 13Page - Jewel Hill Electronic JH35320480BCNRMNFZCWC Datasheet HTML 14Page - Jewel Hill Electronic JH35320480BCNRMNFZCWC Datasheet HTML 15Page - Jewel Hill Electronic JH35320480BCNRMNFZCWC Datasheet HTML 16Page - Jewel Hill Electronic JH35320480BCNRMNFZCWC Datasheet HTML 17Page - Jewel Hill Electronic JH35320480BCNRMNFZCWC Datasheet HTML 18Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
JH35320480B
VER: 0.1
- 13 -
Issue date: 2013/08/01
JEWEL HILL ELECTRONIC CO.,LTD.
display abnormally, liquid crystal leak are not allowed.
7) After testing, the current Idd should be within initial value ±20%.
8) No low temperature bubbles ,end seal loose and fall, frame rainbow, ACF bubble
growing are allowable in the appearance test.
11. Inspection Criterion
11.1. Sampling Method
Unless otherwise agreed upon in writing, the sampling inspection shall be applied to the
Customer’s incoming inspection.
1) Lot size: Quantity per shipment lot
2) Sampling type: Normal inspection , single sampling
3) Inspection level: Ⅱ
4) Sampling table: MIL-STD-105D
5) Acceptable Quality Level(AQL): Major=0.65 Minor=1.5
11.2. Inspection Method
1) Ambient Condition:
a. Temperature: Room temperature 25±5℃
b. Illumination: Single fluorescent lamp non-directive(300 to 700 Lux)
2) Viewing distance
The distance between the LCD and the inspector’s eyes shall be at least 30-50cm.
3) Viewing Angle
The inspection shall be conducted within normal viewing angle range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com