Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH40480800ACNUMNTZCWC Datasheet(PDF) 10 Page - Jewel Hill Electronic

Part # JH40480800ACNUMNTZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH40480800ACNUMNTZCWC Datasheet(HTML) 10 Page - Jewel Hill Electronic

Back Button JH40480800ACNUMNTZCWC Datasheet HTML 6Page - Jewel Hill Electronic JH40480800ACNUMNTZCWC Datasheet HTML 7Page - Jewel Hill Electronic JH40480800ACNUMNTZCWC Datasheet HTML 8Page - Jewel Hill Electronic JH40480800ACNUMNTZCWC Datasheet HTML 9Page - Jewel Hill Electronic JH40480800ACNUMNTZCWC Datasheet HTML 10Page - Jewel Hill Electronic JH40480800ACNUMNTZCWC Datasheet HTML 11Page - Jewel Hill Electronic JH40480800ACNUMNTZCWC Datasheet HTML 12Page - Jewel Hill Electronic JH40480800ACNUMNTZCWC Datasheet HTML 13Page - Jewel Hill Electronic JH40480800ACNUMNTZCWC Datasheet HTML 14Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
JH40480800A
VER: 1.0
- 9 -
Issue date: 2013/08/15
JEWEL HILL ELECTRONIC CO.,LTD.
7.Pin Description
Pin NO.
Symbol
Description
1
GND
GROUND
2
LED_A
LED+
3
GND
GROUND
4
D1N
Data signals if MIPI interface is used
5
D1P
Data signals if MIPI interface is used
6
GND
GROUND
7
D0N
Data signals if MIPI interface is used
8
D0P
Data signals if MIPI interface is used
9
GND
GROUND
10
CLK_N
Clock signals if MIPI interface is used
11
CLK_P
Clock signals if MIPI interface is used
12
GND
GROUND
13
TE
Frame head pulse signal output pin
14
VCI
power supply 2.8V
15
IOVCC
power supply 1.8/2.8V
16
RESET
Reset pin
17
CABC
Control signal for brightness of LED backlight
18
ID/GND
GROUND
19
SELD(GND)
GROUND
20
IM3
NC
21
GND
GROUND
22
GND
GROUND
23
LEDK
LED-
24
GND
GROUND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com