Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH35320480CCNDMNFZCWC Datasheet(PDF) 10 Page - Jewel Hill Electronic

Part # JH35320480CCNDMNFZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH35320480CCNDMNFZCWC Datasheet(HTML) 10 Page - Jewel Hill Electronic

Back Button JH35320480CCNDMNFZCWC Datasheet HTML 6Page - Jewel Hill Electronic JH35320480CCNDMNFZCWC Datasheet HTML 7Page - Jewel Hill Electronic JH35320480CCNDMNFZCWC Datasheet HTML 8Page - Jewel Hill Electronic JH35320480CCNDMNFZCWC Datasheet HTML 9Page - Jewel Hill Electronic JH35320480CCNDMNFZCWC Datasheet HTML 10Page - Jewel Hill Electronic JH35320480CCNDMNFZCWC Datasheet HTML 11Page - Jewel Hill Electronic JH35320480CCNDMNFZCWC Datasheet HTML 12Page - Jewel Hill Electronic JH35320480CCNDMNFZCWC Datasheet HTML 13Page - Jewel Hill Electronic JH35320480CCNDMNFZCWC Datasheet HTML 14Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
JH35320480C
VER: 1.0
- 9 -
Issue date: 2013/08/12
JEWEL HILL ELECTRONIC CO.,LTD.
7.Pin Descriptio
Pin NO.
Symbol
Description
1
GND
Ground
2
RESET
System Reset Pin
3
CS
Chip select signal
4
SCLK
Serial Clock pin
5
ID
Identify pin
6
SDI
SPI interface input in
7
SDO
SPI interface 0utput
8-25
DB0-DB17
Data bus
26
GND
Ground
27
VSYNC
Vertical synchronizing signal
28
HSYNC
Horizontal synchronizing signal
29
DOTCLK
Dot clock signal
30
ENABLE
Input data enable control
31
GND
Ground
32
IOVCC
Power Supply1.8V-2.8V)
33
GND
Ground
34
VCC
Power Supply2.8V
35
GND
Ground
36
VLED+
LED Positive
37
VLED-
LED Negative
38
PWM OUT
Back light control pin
39
GND
Ground
40
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com