Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH43480800BCNDWNFZCWC Datasheet(PDF) 10 Page - Jewel Hill Electronic

Part # JH43480800BCNDWNFZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH43480800BCNDWNFZCWC Datasheet(HTML) 10 Page - Jewel Hill Electronic

Back Button JH43480800BCNDWNFZCWC Datasheet HTML 6Page - Jewel Hill Electronic JH43480800BCNDWNFZCWC Datasheet HTML 7Page - Jewel Hill Electronic JH43480800BCNDWNFZCWC Datasheet HTML 8Page - Jewel Hill Electronic JH43480800BCNDWNFZCWC Datasheet HTML 9Page - Jewel Hill Electronic JH43480800BCNDWNFZCWC Datasheet HTML 10Page - Jewel Hill Electronic JH43480800BCNDWNFZCWC Datasheet HTML 11Page - Jewel Hill Electronic JH43480800BCNDWNFZCWC Datasheet HTML 12Page - Jewel Hill Electronic JH43480800BCNDWNFZCWC Datasheet HTML 13Page - Jewel Hill Electronic JH43480800BCNDWNFZCWC Datasheet HTML 14Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
JH43480800B
VER: 1.0
- 9 -
Issue date: 2013/08/15
JEWEL HILL ELECTRONIC CO.,LTD.
7.Pin Description
Pin NO.
Symbol
Description
1
NC
NC
2
NC
NC
3
NC
NC
4
NC
NC
5
NC
NC
6
NC
NC
7
NC
NC
8
SDO
SPI interface output in
9
SDI
SPI interface input in
10
GND
Ground
11
SCL
In SPI mode it serves as synchronus clock
12
CS
Chip select input pin
13
RESET
System Reset Pin
14
GND
Ground
15~19
DR4~DR0
5bits Red data
20
GND
Ground
21~26
DG5~DG0
6bits Green data
27
GND
Ground
28~32
DB4~DB0
5bits Blue data
33
DE
Data Enable signal
34
GND
Ground
35
PCLK
Dot clock signal
36
GND
Ground
37
HS
RGB I/F line synchronous signal
38
VS
RGB I/F frame synchronous signal
39
IOVDD
Power Supply(2.8V/1.8V)
40
VCI
Power Supply2.8V
41
NC
NC
42
LEDK
LED-
43
LEDK
LED-
44
LEDA
LED+
45
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com