Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH50480800ACNFWNTZCWC Datasheet(PDF) 4 Page - Jewel Hill Electronic

Part # JH50480800ACNFWNTZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH50480800ACNFWNTZCWC Datasheet(HTML) 4 Page - Jewel Hill Electronic

  JH50480800ACNFWNTZCWC Datasheet HTML 1Page - Jewel Hill Electronic JH50480800ACNFWNTZCWC Datasheet HTML 2Page - Jewel Hill Electronic JH50480800ACNFWNTZCWC Datasheet HTML 3Page - Jewel Hill Electronic JH50480800ACNFWNTZCWC Datasheet HTML 4Page - Jewel Hill Electronic JH50480800ACNFWNTZCWC Datasheet HTML 5Page - Jewel Hill Electronic JH50480800ACNFWNTZCWC Datasheet HTML 6Page - Jewel Hill Electronic JH50480800ACNFWNTZCWC Datasheet HTML 7Page - Jewel Hill Electronic JH50480800ACNFWNTZCWC Datasheet HTML 8Page - Jewel Hill Electronic JH50480800ACNFWNTZCWC Datasheet HTML 9Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
JH50480800A
VER: 1.0
- 3 -
Issue date: 2013/08/15
JEWEL HILL ELECTRONIC CO.,LTD.
1. GENERAL DESCRIPTION.
The JH50480800A model is a Color TFT LCD. This main Module has a 5.0 inch
diagonally measured active display area with 480(RGB)×800 resolution. Each pixel is
divided into Red, Green and Blue sub-pixels and dots which are arranged in vertical stripes.
The LCD color is determined with 16.7M colors signal for each pixel.
The JH50480800A has been designed to apply the interface method that enables low
power, high speed, and high contrast.
The JH50480800A is intended to support applications where thin thickness, wide
viewing angle and low power are critical factors and graphic displays are important.
2. GENERAL FEATURES.
Item
Display Panel
Remark
Display Mode
Normally White, Transmissive LCD
Viewing Direction
12H
Input Signals
SPI-RGB
Outside Dimensions
71.02mm(W)*120.40mm(H)*2.2mm(N)
Effective Area
-
Active Area
64.80mm(W)×108.00mm(H)
Number of Pixels
480×RGB×800Pixels
Pixel Pitch
0.135mm(H)×0.135mm(W)
Pixel Arrangement
RGB Vertical stripes
Drive IC
NT35510/OTM8009A
3.Absolute Maximum Ratings
The following are maximum values which, if exceeded may cause operation or damage to
the unit.
ITEM
Symbol
Min.
Typ.
Max.
Unit
Remark
Power for Circuit Driving
VDD
-0.3
-
3.3
V
Power for Circuit Logic
VCI
-0.3
-
4.6
V
LC Operating Voltage *1)
Vop
-
V
LED Forward Voltage
VBBBBBBBBBfBBBBBBBBB
15.8
16.0
16.2
V
LED Forward Current
If
-
30
-
mA
LED Luminance
BBBBBBBBBBPBBBBBBBBB
3200
-
-
cd/mPPPPPPPPP2PPPPPPPPPPPPPPPPPPPPPPP
Storage Humidity
HBBBBBBBBBSTBBBBBBBBB
10
-
90
%RH
Storage Temperature
T
BBBBBBBBB
ST
BBBBBBBBB
-30
-
80
Operating Ambient Humidity
H
BBBBBBBBB
OP
BBBBBBBBB
10
-
90
%RH
Operating Ambient temperature
T
BBBBBBBBB
OP
BBBBBBBBB
-20
-
70
At
25±5℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com