Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH50480800ACNDMNFZCWC Datasheet(PDF) 10 Page - Jewel Hill Electronic

Part # JH50480800ACNDMNFZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH50480800ACNDMNFZCWC Datasheet(HTML) 10 Page - Jewel Hill Electronic

Back Button JH50480800ACNDMNFZCWC Datasheet HTML 6Page - Jewel Hill Electronic JH50480800ACNDMNFZCWC Datasheet HTML 7Page - Jewel Hill Electronic JH50480800ACNDMNFZCWC Datasheet HTML 8Page - Jewel Hill Electronic JH50480800ACNDMNFZCWC Datasheet HTML 9Page - Jewel Hill Electronic JH50480800ACNDMNFZCWC Datasheet HTML 10Page - Jewel Hill Electronic JH50480800ACNDMNFZCWC Datasheet HTML 11Page - Jewel Hill Electronic JH50480800ACNDMNFZCWC Datasheet HTML 12Page - Jewel Hill Electronic JH50480800ACNDMNFZCWC Datasheet HTML 13Page - Jewel Hill Electronic JH50480800ACNDMNFZCWC Datasheet HTML 14Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
JH50480800A
VER: 1.0
- 9 -
Issue date: 2013/08/15
JEWEL HILL ELECTRONIC CO.,LTD.
7.Pin Description
Pin NO.
Symbol
Description
1
LEDA
LED+
2
LEDK
LED-
3
NC
NC
4
NC
NC
5
NC
NC
6
NC
NC
7
NC
NC
8
NC
NC
9
NC
NC
10
NC
NC
11
NC
NC
12
VCI
The
power supply 2.8V
13
IOVCC
The
power supply 1.8/2.8V
14
GND
GROUND
15-38
DB23-DB0
Data Bus
39
HS
RGB I/F line synchronous signal
40
VS
RGB I/F frame synchronous signal
41
ENABLE
Data Enable
42
DOTCLK
Piel Clock
43
CS
CHIP SELECT PIN
44
SCL
In SPI mode it serves as synchronus clock
45
SDI
Serial data input pin
46
SDO
Serial data output pin
47
LEDPWM
Control signal for brightness of LED backlight
48
RESET
RESET pin
49-50
NC
NC
51
GND
GROUND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com