Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH45540960ACNRWNFZCWC Datasheet(PDF) 10 Page - Jewel Hill Electronic

Part # JH45540960ACNRWNFZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH45540960ACNRWNFZCWC Datasheet(HTML) 10 Page - Jewel Hill Electronic

Back Button JH45540960ACNRWNFZCWC Datasheet HTML 6Page - Jewel Hill Electronic JH45540960ACNRWNFZCWC Datasheet HTML 7Page - Jewel Hill Electronic JH45540960ACNRWNFZCWC Datasheet HTML 8Page - Jewel Hill Electronic JH45540960ACNRWNFZCWC Datasheet HTML 9Page - Jewel Hill Electronic JH45540960ACNRWNFZCWC Datasheet HTML 10Page - Jewel Hill Electronic JH45540960ACNRWNFZCWC Datasheet HTML 11Page - Jewel Hill Electronic JH45540960ACNRWNFZCWC Datasheet HTML 12Page - Jewel Hill Electronic JH45540960ACNRWNFZCWC Datasheet HTML 13Page - Jewel Hill Electronic JH45540960ACNRWNFZCWC Datasheet HTML 14Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
JH45540960A
VER: 1.0
- 9 -
Issue date: 2013/08/15
JEWEL HILL ELECTRONIC CO.,LTD.
7.Pin Description
Pin NO.
Symbol
Description
1
LED_K
LED-
2
LED_A
LED+
3
MTP
NC
4
VDD
Power Supply(2.8V)
5
GND
Ground
6
GND
Ground
7
GND
Ground
8~10
LANSEL,DSWAP0
NC
11
DSWAP1,PSWAP
NC
12-14
IM0,IM1,IM3
NC
15
FMARK(TE)
Tearing effect output pin
16~17
SDA,SCL
NC
18
RESET
System Reset Pin
19
VDDI
Power Supply(2.8V/1.8V)
20
GND
Ground
21
LEDPWM
Control singal for brihtness of the LED backlight
22
LEDON
Control signal for LED is on/off
23
VDD
Power Supply2.8V
24
GND
Ground
25~26
D22P,D22N
NC
27
GND
Ground
28
D1P
Data signals if MIPI interface is used
29
D1N
Data signals if MIPI interface is used
30
GND
Ground
31
CLKP
Clock signals if MIPI interface is used
32
CLKN
Clock signals if MIPI interface is used
33
GND
Ground
34
D0P
Data signals if MIPI interface is used
35
D0N
Data signals if MIPI interface is used
36
GND
Ground
37~38
D21P,D21N
NC
39
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com