Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F240 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F240
Description  Octal Buffers/Line Drivers with TRI-STATE Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F240 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74F240 Datasheet HTML 1Page - National Semiconductor (TI) 74F240 Datasheet HTML 2Page - National Semiconductor (TI) 74F240 Datasheet HTML 3Page - National Semiconductor (TI) 74F240 Datasheet HTML 4Page - National Semiconductor (TI) 74F240 Datasheet HTML 5Page - National Semiconductor (TI) 74F240 Datasheet HTML 6Page - National Semiconductor (TI) 74F240 Datasheet HTML 7Page - National Semiconductor (TI) 74F240 Datasheet HTML 8Page - National Semiconductor (TI) 74F240 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLF9501
May 1995
54F74F240
54F74F24154F74F244
Octal BuffersLine Drivers with TRI-STATE
Outputs
General Description
The ’F240 ’F241 and ’F244 are octal buffers and line driv-
ers designed to be employed as memory and address driv-
ers clock drivers and bus-oriented transmittersreceivers
which provide improved PC and board density
Features
Y
TRI-STATE outputs drive bus lines or buffer memory
address registers
Y
Outputs sink 64 mA (48 mA mil)
Y
12 mA source current
Y
Input clamp diodes limit high-speed termination effects
Y
Guaranteed 4000V minimum ESD protection
Commercial
Military
Package
Package Description
Number
74F240PC
N20A
20-Lead (0300 Wide) Molded Dual-In-Line
54F240DM (Note 2)
J20A
20-Lead Ceramic Dual-In-Line
74F240SC (Note 1)
M20B
20-Lead (0300 Wide) Molded Small Outline JEDEC
74F240SJ (Note 1)
M20D
20-Lead (0300 Wide) Molded Small Outline EIAJ
54F240FM (Note 2)
W20A
20-Lead Cerpack
54F240LM (Note 2)
E20A
20-Lead Ceramic Leadless Chip Carrier Type C
74F241PC
N20A
20-Lead (0300 Wide) Molded Dual-In-Line
54F241DM (Note 2)
J20A
20-Lead Ceramic Dual-In-Line
74F241SC (Note 1)
M20B
20-Lead (0300 Wide) Molded Small Outline JEDEC
74F241SJ (Note 1)
M20D
20-Lead (0300 Wide) Molded Small Outline EIAJ
54F241FM (Note 2)
W20A
20-Lead Cerpack
54F241LM (Note 2)
E20A
20-Lead Ceramic Leadless Chip Carrier Type C
74F244PC
N20A
20-Lead (0300 Wide) Molded Dual-In-Line
54F244DM (Note 2)
J20A
20-Lead Ceramic Dual-In-Line
74F244SC (Note 1)
M20B
20-Lead (0300 Wide) Molded Small Outline JEDEC
74F244SJ (Note 1)
M20D
20-Lead (0300 Wide) Molded Small Outline EIAJ
74F244MSA (Note 1)
MSA20
20-Lead Molded Shrink Small Outline EIAJ Type II
54F244FM (Note 2)
W20A
20-Lead Cerpack
54F244LM (Note 2)
E20A
20-Lead Ceramic Leadless Chip Carrier Type C
Note 1
Devices also available in 13
reel Use Suffix e SCX SJX and MSAX
Note 2
Military grade device with environmental and burn-in processing Use suffix e DMQB FMQB and LMQB
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - 74F240

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F240 PHILIPS-74F240 Datasheet
103Kb / 12P
Octal inverter buffer 3-State
1001 Jan 02
logo
Fairchild Semiconductor
74F240 FAIRCHILD-74F240 Datasheet
66Kb / 7P
Octal Buffers/Line Drivers with 3-STATE Outputs
74F240 FAIRCHILD-74F240 Datasheet
82Kb / 8P
Octal Buffers/Line Drivers with 3-STATE Outputs
74F240 FAIRCHILD-74F240 Datasheet
82Kb / 8P
Octal Buffers/Line Drivers with 3-STATE Outputs
logo
Texas Instruments
74F240 TI1-74F240 Datasheet
439Kb / 12P
Octal Buffers/Line Drivers with TRI-STATE(RM) Outputs
More results

Similar Description - 74F240

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54LS240 NSC-DM54LS240 Datasheet
142Kb / 6P
Octal TRI-STATE Buffers/Line Drivers/Line Receivers
MM54C240 NSC-MM54C240 Datasheet
142Kb / 6P
Octal Buffers and Line Drivers with TRI-STATE Outputs
54ACQ244 NSC-54ACQ244 Datasheet
29Kb / 7P
Octal Buffers/Line Drivers With TRI-State Outputs
MM54C941 NSC-MM54C941 Datasheet
136Kb / 6P
Octal Buffers/Line Receivers/ Line Drivers with TRI-STATE Outputs
54LS240 NSC-54LS240 Datasheet
102Kb / 3P
Octal TRI-STATE Buffers/Line Drivers/Line Receivers
54ACT240DMQB NSC-54ACT240DMQB Datasheet
18Kb / 6P
Octal Buffers/Line Drivers With TRI-State Outputs
logo
Fairchild Semiconductor
74F240 FAIRCHILD-74F240_04 Datasheet
82Kb / 8P
Octal Buffers/Line Drivers with 3-STATE Outputs
logo
Renesas Technology Corp
RD74LVC540B RENESAS-RD74LVC540B Datasheet
83Kb / 9P
Octal Buffers / Line Drivers with 3-state Outputs
HD74HCT540 RENESAS-HD74HCT540 Datasheet
112Kb / 9P
Octal Buffers/Line Drivers (with 3-state outputs)
logo
Texas Instruments
54F240 TI1-54F240 Datasheet
439Kb / 12P
Octal Buffers/Line Drivers with TRI-STATE(RM) Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com