Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH50480800BCNSWNFZCWC Datasheet(PDF) 10 Page - Jewel Hill Electronic

Part # JH50480800BCNSWNFZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH50480800BCNSWNFZCWC Datasheet(HTML) 10 Page - Jewel Hill Electronic

Back Button JH50480800BCNSWNFZCWC Datasheet HTML 6Page - Jewel Hill Electronic JH50480800BCNSWNFZCWC Datasheet HTML 7Page - Jewel Hill Electronic JH50480800BCNSWNFZCWC Datasheet HTML 8Page - Jewel Hill Electronic JH50480800BCNSWNFZCWC Datasheet HTML 9Page - Jewel Hill Electronic JH50480800BCNSWNFZCWC Datasheet HTML 10Page - Jewel Hill Electronic JH50480800BCNSWNFZCWC Datasheet HTML 11Page - Jewel Hill Electronic JH50480800BCNSWNFZCWC Datasheet HTML 12Page - Jewel Hill Electronic JH50480800BCNSWNFZCWC Datasheet HTML 13Page - Jewel Hill Electronic JH50480800BCNSWNFZCWC Datasheet HTML 14Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
JH50480800B
VER: 1.0
- 9 -
Issue date: 2013/08/15
JEWEL HILL ELECTRONIC CO.,LTD.
7.Pin Description
Pin NO.
Symbol
Description
1
GND
GROUND
2
LEDA
LED+
3
LEDK
LED-
4
NC
NC
5
NC
NC
6
NC
NC
7
NC
NC
8
NC
NC
9
GND
GROUND
10
IOVCC
The
power supply 1.8/2.8V
11
VCC
The
power supply 2.8V
12
GND
GROUND
13
NC
NC
14
CS
Chip select input pin
15
RS
Command/data select
16
WR
Write execution control pin
17
RD
Read execution control pin
18
RESET
RESET pin
19
FMARK
Frame head pulse signal output pin
20
GND
GROUND
21
GND
GROUND
22~37
DB15~DB0
Data Bus
38
GND
GROUND
39
LEDPWM
Back light control pin
40
GND
GROUND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com