Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH52480800BCNDWNFZCWC Datasheet(PDF) 10 Page - Jewel Hill Electronic

Part # JH52480800BCNDWNFZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH52480800BCNDWNFZCWC Datasheet(HTML) 10 Page - Jewel Hill Electronic

Back Button JH52480800BCNDWNFZCWC Datasheet HTML 6Page - Jewel Hill Electronic JH52480800BCNDWNFZCWC Datasheet HTML 7Page - Jewel Hill Electronic JH52480800BCNDWNFZCWC Datasheet HTML 8Page - Jewel Hill Electronic JH52480800BCNDWNFZCWC Datasheet HTML 9Page - Jewel Hill Electronic JH52480800BCNDWNFZCWC Datasheet HTML 10Page - Jewel Hill Electronic JH52480800BCNDWNFZCWC Datasheet HTML 11Page - Jewel Hill Electronic JH52480800BCNDWNFZCWC Datasheet HTML 12Page - Jewel Hill Electronic JH52480800BCNDWNFZCWC Datasheet HTML 13Page - Jewel Hill Electronic JH52480800BCNDWNFZCWC Datasheet HTML 14Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
JH52480800B
VER: 1.0
- 9 -
Issue date: 2013/08/15
JEWEL HILL ELECTRONIC CO.,LTD.
7.Pin Description
Pin NO.
Symbol
Description
1
NC
NC
2
VDD3
The
power supply 2.8V
3
VDD3
The
power supply 2.8V
4
NC
NC
5
VDDIO
The
power supply 1.8/2.8V
6
NC
NC
7
PCLK
Dot clock signal
8
DE
Data ENEABLE signal
9
HSYNC
RGB I/F line synchronous signal
10
VSYNC
RGB I/F frame synchronous signal
11
NC
NC
12
SDI
SPI interface input in
13
CS
Chip select pin
14
SCL
In spi mode it serves as synchronus clock
15
GND
GROUND
16~23
DB0~DB7
Blue data
24
GND
GROUND
25~32
DG0~DG7
Greed data
33
GND
GROUND
34~41
DR0~DR7
Red data
42
GND
GROUND
43
RESET
RESET pin
44
CABA_PWM
Back light control pin
45
LCD-ID
NC
46~47
LED-
LED-
48
NC
NC
49~50
LED+
LED+
51
GND
GROUND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com