Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH395320480ACNUNNTZCWC Datasheet(PDF) 11 Page - Jewel Hill Electronic

Part # JH395320480ACNUNNTZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH395320480ACNUNNTZCWC Datasheet(HTML) 11 Page - Jewel Hill Electronic

Back Button JH395320480ACNUNNTZCWC Datasheet HTML 7Page - Jewel Hill Electronic JH395320480ACNUNNTZCWC Datasheet HTML 8Page - Jewel Hill Electronic JH395320480ACNUNNTZCWC Datasheet HTML 9Page - Jewel Hill Electronic JH395320480ACNUNNTZCWC Datasheet HTML 10Page - Jewel Hill Electronic JH395320480ACNUNNTZCWC Datasheet HTML 11Page - Jewel Hill Electronic JH395320480ACNUNNTZCWC Datasheet HTML 12Page - Jewel Hill Electronic JH395320480ACNUNNTZCWC Datasheet HTML 13Page - Jewel Hill Electronic JH395320480ACNUNNTZCWC Datasheet HTML 14Page - Jewel Hill Electronic JH395320480ACNUNNTZCWC Datasheet HTML 15Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
JH395320480A
VER: 1.0
- 10 -
Issue date: 2013/08/12
JEWEL HILL ELECTRONIC CO.,LTD.
7.Pin Description
Pin NO. Symbol
Description
1
K
Cathode pin of backlight
2
A
Anode pin of backlight
3
VCI
Power Supply for analog circuit(2.8V)
4
IOVCC
Power Supply for digital circuit(1.8/2.8V)
5
RESET
System Reset Pin
6~13
B0~B7
8-bit blue data bus in RGB interface
14
GND
Power Ground
15~22
G0~G7
8-bit green data bus in RGB interface
23
GND
Power Ground
24~31
R0~R7
8-bit red data bus in RGB interface
32
SCL
Power Ground
33
CS
Serial Clock in serial interface
34
SDI
Serial data input in serial interface
35
SDO
Serial data output in serial interface
36
VS
Frame synchronizing signal in RGB interface
37
HS
Line synchronizing signal in RGB interface
38
DEN
Data ENABLE input signal in RGB interface
39
CLK
Dot clock signal in RGB interface
8.Outline Dimension



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com