Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH177128160CCNFMNTZCWC Datasheet(PDF) 10 Page - Jewel Hill Electronic

Part # JH177128160CCNFMNTZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH177128160CCNFMNTZCWC Datasheet(HTML) 10 Page - Jewel Hill Electronic

Back Button JH177128160CCNFMNTZCWC Datasheet HTML 6Page - Jewel Hill Electronic JH177128160CCNFMNTZCWC Datasheet HTML 7Page - Jewel Hill Electronic JH177128160CCNFMNTZCWC Datasheet HTML 8Page - Jewel Hill Electronic JH177128160CCNFMNTZCWC Datasheet HTML 9Page - Jewel Hill Electronic JH177128160CCNFMNTZCWC Datasheet HTML 10Page - Jewel Hill Electronic JH177128160CCNFMNTZCWC Datasheet HTML 11Page - Jewel Hill Electronic JH177128160CCNFMNTZCWC Datasheet HTML 12Page - Jewel Hill Electronic JH177128160CCNFMNTZCWC Datasheet HTML 13Page - Jewel Hill Electronic JH177128160CCNFMNTZCWC Datasheet HTML 14Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
JH177128160C
VER: 1.0
- 9 -
Issue date: 2013/08/12
JEWEL HILL ELECTRONIC CO.,LTD.
Pin NO.
Symbol
Description
1
K
Cathode pin of backlight
2
A
Anode pin of backlight
3
GND
Power Ground
4
VDD
Power Supply for analog circuit(2.8V)
5
IOVCC
Power Supply for digital circuit(1.8/2.8V)
6
NC
No connection
7
CS
Chip select input pin
8
RESET
System Reset Pin
9
RS
Data/Command Write Select pin
10
WR
Write execution control pin
11
RD
Read execution control pin
12
DB7
Date bus
13
DB6
Date bus
14
DB5
Date bus
15
DB4
Date bus
16
DB3
Date bus
17
DB2
Date bus
18
DB1
Date bus
19
DB0
Date bus
20
GND
Power Ground
21
NC
No connection
22
NC
No connection
23
NC
No connection
24
NC
No connection
8.Outline Dimension



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com