Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH395320480ACNUNNFZCWC Datasheet(PDF) 13 Page - Jewel Hill Electronic

Part # JH395320480ACNUNNFZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH395320480ACNUNNFZCWC Datasheet(HTML) 13 Page - Jewel Hill Electronic

Back Button JH395320480ACNUNNFZCWC Datasheet HTML 9Page - Jewel Hill Electronic JH395320480ACNUNNFZCWC Datasheet HTML 10Page - Jewel Hill Electronic JH395320480ACNUNNFZCWC Datasheet HTML 11Page - Jewel Hill Electronic JH395320480ACNUNNFZCWC Datasheet HTML 12Page - Jewel Hill Electronic JH395320480ACNUNNFZCWC Datasheet HTML 13Page - Jewel Hill Electronic JH395320480ACNUNNFZCWC Datasheet HTML 14Page - Jewel Hill Electronic JH395320480ACNUNNFZCWC Datasheet HTML 15Page - Jewel Hill Electronic JH395320480ACNUNNFZCWC Datasheet HTML 16Page - Jewel Hill Electronic JH395320480ACNUNNFZCWC Datasheet HTML 17Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
JH395320480A
VER: 1.0
- 12 -
Issue date: 2013/08/12
JEWEL HILL ELECTRONIC CO.,LTD.
9.2. Timing Characteristics
Normal
Write Mode, IOVcc=1.65V~3.3V,Vcc=2.5V~3.3V
9. 3 Reset Operation
(VCC=1.65~3.1 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com