Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH395320480DCNSMNFZCWC Datasheet(PDF) 10 Page - Jewel Hill Electronic

Part # JH395320480DCNSMNFZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH395320480DCNSMNFZCWC Datasheet(HTML) 10 Page - Jewel Hill Electronic

Back Button JH395320480DCNSMNFZCWC Datasheet HTML 6Page - Jewel Hill Electronic JH395320480DCNSMNFZCWC Datasheet HTML 7Page - Jewel Hill Electronic JH395320480DCNSMNFZCWC Datasheet HTML 8Page - Jewel Hill Electronic JH395320480DCNSMNFZCWC Datasheet HTML 9Page - Jewel Hill Electronic JH395320480DCNSMNFZCWC Datasheet HTML 10Page - Jewel Hill Electronic JH395320480DCNSMNFZCWC Datasheet HTML 11Page - Jewel Hill Electronic JH395320480DCNSMNFZCWC Datasheet HTML 12Page - Jewel Hill Electronic JH395320480DCNSMNFZCWC Datasheet HTML 13Page - Jewel Hill Electronic JH395320480DCNSMNFZCWC Datasheet HTML 14Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
JH395320480D
VER: 1.0
- 9 -
Issue date: 2013/08/15
JEWEL HILL ELECTRONIC CO.,LTD.
7.Pin Description
Pin NO.
Symbol
Description
1
GND
Ground
2
VCI
Power Supply2.8V
3
IOVCC
Power Supply(2.8V/1.8V)
4
CS
Chip select input pin
5
RS
Data/Command Write Select pin
6
WR
Write execution control pin
7
RD
Read execution control pin
8
RESET
System Reset Pin
9-24
DB0- DB15
Data Bus
25
FMARK
FMARK
26
GND
Ground
27
YD
Touch panel down side(NC)
28
XR
Touch panel Right side(NC)
29
YU
Touch panel Up side(NC)
30
XL
Touch panel Left side(NC)
31
GND
Ground
32
LED_A
LED+
33
LED_K1
LED-
34
LED_K2
LED-
35
LED_K3
LED-
36
LED_K4
LED-
37
LED_K5
LED-
38
LED_K6
LED-
39
LED_K7
LED-
40
LED_K8
LED-
41
GND
Ground
42
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com