Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH463480854ACNFWNFZCWC Datasheet(PDF) 10 Page - Jewel Hill Electronic

Part # JH463480854ACNFWNFZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH463480854ACNFWNFZCWC Datasheet(HTML) 10 Page - Jewel Hill Electronic

Back Button JH463480854ACNFWNFZCWC Datasheet HTML 6Page - Jewel Hill Electronic JH463480854ACNFWNFZCWC Datasheet HTML 7Page - Jewel Hill Electronic JH463480854ACNFWNFZCWC Datasheet HTML 8Page - Jewel Hill Electronic JH463480854ACNFWNFZCWC Datasheet HTML 9Page - Jewel Hill Electronic JH463480854ACNFWNFZCWC Datasheet HTML 10Page - Jewel Hill Electronic JH463480854ACNFWNFZCWC Datasheet HTML 11Page - Jewel Hill Electronic JH463480854ACNFWNFZCWC Datasheet HTML 12Page - Jewel Hill Electronic JH463480854ACNFWNFZCWC Datasheet HTML 13Page - Jewel Hill Electronic JH463480854ACNFWNFZCWC Datasheet HTML 14Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
JH463480854A
VER: 1.0
- 9 -
Issue date: 2013/08/12
JEWEL HILL ELECTRONIC CO.,LTD.
7.Pin Description
Pin NO.
Symbol
Description
1
NC
No connection
2
NC
No connection
3
NC
No connection
4
NC
No connection
5
CS
Chip select pin
6
RS
Display data / command selection
7
WR
Write signal
8
GND
Ground
9
RD
Read signal
10
GND
Ground
11~18
D7~D0
Data bus
19
NC
No connection
20
NC
No connection
21~28
D15~D8
Data bus
29
RESET
Reset pin
30
TE
Tearing effect output pin
31
NC
No connection
32
GND
Ground
33
NC
No connection
34
NC
No connection
35
GND
Ground
36
VCC
Power supply for analog circuit(2.8V)
37
IOVCC
Power supply for digital circuit(2.8V/1.8V)
38
K
LED-
39
A
LED+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com