Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH463480854BCNSWNFZCWC Datasheet(PDF) 12 Page - Jewel Hill Electronic

Part # JH463480854BCNSWNFZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH463480854BCNSWNFZCWC Datasheet(HTML) 12 Page - Jewel Hill Electronic

Back Button JH463480854BCNSWNFZCWC Datasheet HTML 8Page - Jewel Hill Electronic JH463480854BCNSWNFZCWC Datasheet HTML 9Page - Jewel Hill Electronic JH463480854BCNSWNFZCWC Datasheet HTML 10Page - Jewel Hill Electronic JH463480854BCNSWNFZCWC Datasheet HTML 11Page - Jewel Hill Electronic JH463480854BCNSWNFZCWC Datasheet HTML 12Page - Jewel Hill Electronic JH463480854BCNSWNFZCWC Datasheet HTML 13Page - Jewel Hill Electronic JH463480854BCNSWNFZCWC Datasheet HTML 14Page - Jewel Hill Electronic JH463480854BCNSWNFZCWC Datasheet HTML 15Page - Jewel Hill Electronic JH463480854BCNSWNFZCWC Datasheet HTML 16Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
JH463480854B
VER: 1.0
- 11 -
Issue date: 2013/10/12
JEWEL HILL ELECTRONIC CO.,LTD.
9.Timing Characteristics
9.1. 80-System bus interface operation
9.2. Timing Characteristics
Normal
Write Mode(HWM=’’0’), IOVcc=1.65V~3.3V,Vcc=2.5V~3.3V
Parameter
Symbol
Unit
Min.
Max.
Uni
t
Bus cycle time write
BBBBBBBBB
tCYCW
BBBBBBBBBBBBBBBBBBBBBBB
ns
125
-
-
Bus cycle time read
tCYCR
ns
450
-
-
Write low-level pulse width
PWLW
ns
45
-
-
Read low-level pulse width
PWLR
ns
170
-
-
Write high-level pulse width
PWHW
ns
70
-
-
Read high-level pulse width
PWHR
ns
250
-
-
Write/Read rise/fall time
tWR,wRf
ns
-
-
25
Setup time Write
tAS
ns
0
-
-
Setup time Read
tAS
ns
10
-
-
Address hold time
tAH
ns
2
-
-
Write data setup time
tDSW
ns
25
-
-
Write data hold time
tH
ns
10
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com