Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX76221-R1TT Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # EX76221-R1TT
Description  Hardened Managed 16-port 10/100BASE PoE with 2-port Gigabit combo Ethernet Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EX76221-R1TT Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  EX76221-R1TT Datasheet HTML 1Page - Axiomtek Co., Ltd. EX76221-R1TT Datasheet HTML 2Page - Axiomtek Co., Ltd. EX76221-R1TT Datasheet HTML 3Page - Axiomtek Co., Ltd. EX76221-R1TT Datasheet HTML 4Page - Axiomtek Co., Ltd. EX76221-R1TT Datasheet HTML 5Page - Axiomtek Co., Ltd. EX76221-R1TT Datasheet HTML 6Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EX76000 Series
www.EtherWAN.com
80
rev. A4
Overview
EtherWAN's EX76000 Series provides a hardened 18-port switching platform supporting IEEE802.3af/at Power over Ethernet, high
performance switching with robust management features required for mission-critical and harsh environments where sustained
connectivity is crucial.
The EX76000 Series is equipped with 16 10/100BASE-TX PoE ports, in combination with two Gigabit SX/LX/BX/WDM combo port
options. The IEEE802.3af/at PoE ports provide up to 15.4W/30W per port with a total power budget of 246W/480W, making the
switch truly versatile for connecting with PoE Powered Devices (PD) with different bandwidth and power consumption requirements
such as; outdoor PTZ dome cameras, wireless access points, and way-side communication devices.
1U rack mountable, the EX76000 Series is equipped with EtherWAN's Alpha-Ring self-healing ring technology providing less than
15ms fault recovery time. Users are able to access management features such as port security, IGMP snooping, port-based VLAN,
GARP protocols, link aggregation , via web browser, telnet, SSH, SNMP, RMON, TFTP, and RS-232 console interfaces. With the
hardened specifications, the EX76000 Series is designed to operate at -40°C to 75°C in harsh environments, where high ESD, shock,
and vibration may be present.
EtherWAN – "When Connectivity is Crucial."
Spotlight
•PoEConnectivity
◦ Sixteen 10/100BASE IEEE802.3af/at Power over Ethernet ports
◦ Two Gigabit-SX/LX/BX combo ports
•HardenedGrade
◦ Wide operating temperature range from -40°C to 75°C (-40°F to 167°F) for extreme environments
◦ Fanless and ruggedized housing
◦ High shock and electric noise immunity
◦ Complies with UL508 safety requirements for industrial control devices
EX76000Series
HardenedManaged16-port10/100BASEPoEwith2-port
GigabitcomboEthernetSwitch


Similar Part No. - EX76221-R1TT

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EX700 EXTECH-EX700 Datasheet
301Kb / 1P
800A Clamp Meter
logo
Axiomtek Co., Ltd.
EX70900 AXIOMTEK-EX70900 Datasheet
663Kb / 5P
Hardened Managed 8-port Gigabit Ethernet Switch
EX70962-03B AXIOMTEK-EX70962-03B Datasheet
663Kb / 5P
Hardened Managed 8-port Gigabit Ethernet Switch
EX70962-04B AXIOMTEK-EX70962-04B Datasheet
663Kb / 5P
Hardened Managed 8-port Gigabit Ethernet Switch
EX70962-05B AXIOMTEK-EX70962-05B Datasheet
663Kb / 5P
Hardened Managed 8-port Gigabit Ethernet Switch
More results

Similar Description - EX76221-R1TT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ER58000 ETC-ER58000 Datasheet
1Mb / 3P
Managed Hardened 8-port 10/100BASE M12 PoE with 2-port Gigabit M12/LC
logo
Axiomtek Co., Ltd.
EX78900 AXIOMTEK-EX78900 Datasheet
619Kb / 5P
Hardened Managed 16-port Gigabit Ethernet Switch
ER58000 AXIOMTEK-ER58000 Datasheet
885Kb / 5P
Hardened Managed 8-port 10/100BASE M12 PoE with 2-port Gigabit M12 Ethernet Switch
EX49000A AXIOMTEK-EX49000A Datasheet
520Kb / 3P
Hardened Unmanaged 16-port 10/100BASE PoE and 2-port Gigabit Ethernet Switch
EX63000 AXIOMTEK-EX63000 Datasheet
545Kb / 6P
Industrial Managed 16-port 10/100BASE with 2-port Gigabit combo Ethernet Switch
EX71000 AXIOMTEK-EX71000 Datasheet
853Kb / 6P
Hardened Managed 8-port 10/100BASE and 2-port Gigabit Ethernet Switch with SFP options
EX73000 AXIOMTEK-EX73000 Datasheet
789Kb / 6P
Hardened Managed 16-port 10/100BASE with 2-port Gigabit combo Ethernet Switch
EX74000 AXIOMTEK-EX74000 Datasheet
564Kb / 5P
Hardened Managed 6-port 10/100BASE with 2-port SFP Gigabit combo Ethernet Switch
EX78000 AXIOMTEK-EX78000 Datasheet
719Kb / 6P
Hardened Managed 10-port 10/100BASE and 2-port Gigabit Ethernet Switch
EX83000 AXIOMTEK-EX83000 Datasheet
886Kb / 6P
IEC61850/IEEE1613 Managed Hardened 16-port 10/100BASE with 2-port Gigabit combo Ethernet Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com