Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD07N60C3 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # SPD07N60C3
Description  Cool MOS Power Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPD07N60C3 Datasheet(HTML) 2 Page - Infineon Technologies AG

  SPD07N60C3 Datasheet HTML 1Page - Infineon Technologies AG SPD07N60C3 Datasheet HTML 2Page - Infineon Technologies AG SPD07N60C3 Datasheet HTML 3Page - Infineon Technologies AG SPD07N60C3 Datasheet HTML 4Page - Infineon Technologies AG SPD07N60C3 Datasheet HTML 5Page - Infineon Technologies AG SPD07N60C3 Datasheet HTML 6Page - Infineon Technologies AG SPD07N60C3 Datasheet HTML 7Page - Infineon Technologies AG SPD07N60C3 Datasheet HTML 8Page - Infineon Technologies AG SPD07N60C3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2003-09-16
Page 2
SPD07N60C3
SPU07N60C3
Final data
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain Source voltage slope
VDS = 480 V, ID = 7.3 A, Tj = 125 °C
dv/dt
50
V/ns
Thermal Characteristics
Parameter
Symbol
Values
Unit
min.
typ.
max.
Thermal resistance, junction - case
RthJC
-
-
1.5
K/W
Thermal resistance, junction - ambient, leaded
RthJA
-
-
75
SMD version, device on PCB:
@ min. footprint
@ 6 cm2 cooling area 2)
RthJA
-
-
-
-
75
50
Soldering temperature,
1.6 mm (0.063 in.) from case for 10s 3)
Tsold
-
-
260
°C
Electrical Characteristics, at Tj=25°C unless otherwise specified
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Drain-source breakdown voltage V(BR)DSS VGS=0V, ID=0.25mA
600
-
-
V
Drain-Source avalanche
breakdown voltage
V(BR)DS VGS=0V, ID=7.3A
-
700
-
Gate threshold voltage
VGS(th)
ID=350µΑ, VGS=VDS
2.1
3
3.9
Zero gate voltage drain current
IDSS
VDS=600V, VGS=0V,
Tj=25°C,
Tj=150°C
-
-
0.5
-
1
100
µA
Gate-source leakage current
IGSS
VGS=30V, VDS=0V
-
-
100
nA
Drain-source on-state resistance RDS(on) VGS=10V, ID=4.6A,
Tj=25°C
Tj=150°C
-
-
0.54
1.46
0.6
-
Ω
Gate input resistance
RG
f=1MHz, open Drain
-
0.8
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com