Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54F413DM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54F413DM
Description  64 x 4 First-In First-Out Buffer Memory with Parallel I/O
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F413DM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54F413DM Datasheet HTML 1Page - National Semiconductor (TI) 54F413DM Datasheet HTML 2Page - National Semiconductor (TI) 54F413DM Datasheet HTML 3Page - National Semiconductor (TI) 54F413DM Datasheet HTML 4Page - National Semiconductor (TI) 54F413DM Datasheet HTML 5Page - National Semiconductor (TI) 54F413DM Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF9541
January 1995
54F74F413
64 x 4 First-In First-Out Buffer Memory with Parallel IO
General Description
The ’F413 is an expandable fall-through type high-speed
First-In First-Out (FIFO) buffer memory organized as 64
words by four bits The 4-bit input and output registers rec-
ord and transmit respectively asynchronous data in parallel
form Control pins on the input and output allow for hand-
shaking and expansion The 4-bit wide 62-bit deep fall-
through stack has self-contained control logic
Features
Y
Separate input and output clocks
Y
Parallel input and output
Y
Expandable without external logic
Y
15 MHz data rate
Y
Supply current 160 mA max
Y
Available in SOIC (300 mil only)
Commercial
Military
Package
Package Description
Number
74F413PC
N16E
16-Lead (0300 Wide) Molded Dual-In-Line
54F413DM (Note 1)
J16A
16-Lead Ceramic Dual-In-Line
Note 1
Military grade device with environmental and burn-in processing Use suffix e DMQB
Logic Symbol
TLF9541 – 1
Connection Diagram
Pin Assignment
for DIP
TLF9541 – 2
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - 54F413DM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F410 NSC-54F410 Datasheet
134Kb / 8P
Register Stack횖16 x 4 RAM TRI-STATEE Output Register
54F410DM NSC-54F410DM Datasheet
134Kb / 8P
Register Stack횖16 x 4 RAM TRI-STATEE Output Register
54F410LM NSC-54F410LM Datasheet
134Kb / 8P
Register Stack횖16 x 4 RAM TRI-STATEE Output Register
More results

Similar Description - 54F413DM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS236 TI-SN74ALS236 Datasheet
174Kb / 11P
64 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
logo
Fairchild Semiconductor
74ACT2708 FAIRCHILD-74ACT2708 Datasheet
95Kb / 13P
64 x 9 First-In, First-Out Memory
74F403A FAIRCHILD-74F403A Datasheet
167Kb / 15P
First-In First-Out (FIFO) Buffer Memory
74F413 FAIRCHILD-74F413 Datasheet
39Kb / 5P
64 x 4 First-In First-Out Buffer Memory with Parallel I/O
74F433 FAIRCHILD-74F433 Datasheet
166Kb / 16P
First-In First-Out (FIFO) Buffer Memory
9403A FAIRCHILD-9403A Datasheet
156Kb / 16P
First-In First-Out (FIFO) Buffer Memory
logo
Advanced Micro Devices
C67401 AMD-C67401 Datasheet
450Kb / 9P
FIRST - IN FIRST - OUT (FIFO) 64 X 4, 64 X 5 CASCADABLE MEMORY
logo
Texas Instruments
SN74ALS235 TI1-SN74ALS235 Datasheet
275Kb / 15P
64 X 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS234 TI1-SN74ALS234 Datasheet
206Kb / 11P
64 X 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ACT7814-40DL TI1-SN74ACT7814-40DL Datasheet
525Kb / 16P
64 x 18 STROBED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com