Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IFO2175-873 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # IFO2175-873
Description  Optional one PCI or PCIe x4 expansion slot
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

IFO2175-873 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  IFO2175-873_16 Datasheet HTML 1Page - Axiomtek Co., Ltd. IFO2175-873_16 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
640
Overview
Fanless
Touch Panel
Computers
Heavy-duty
Fanless Touch
Panel Computers
Industrial
Touch Panel
Computers
Industrial Touch
panel Monitors
Infotainment
Touch Panel
Computers
Open
Frame Panel
Computers
Healthcare
& Medical
Solutions
Accessories
5
axiomtek.com
© 2016 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
Ordering Information
Specifications
Optional Accessories
Optional OS Installation
Dimensions
I/O Connector
1 x RS-232/422/485 (isolated 4KV)
2 x 10/100/1000Mbps Ethernet
2 x USB 2.0 (isolated 4KV)
2 x USB 3.0
1 x Audio (Line-out)
1 x Audio (Mic-in)
1 x DisplayPort
Expansion Interface
1 x PCI or 1 x PCIe x4 slot (optional)
2 x PCIe Mini Card slot
Speaker
2 x 2W
Camera
1 x 5M pixels camera
Touchscreen
5-wire resistive type
Function Key
LCD brightness up/down, audio volume up/down, power on/off
Power Supply
External 19VDC or 24VDC with AC/DC medical grade power
adapter
Dimensions
438 mm (17.24") (W) x 76.5 mm (3.01") (D) x 376.4 mm
(14.81") (H)
Packing Dimensions
610 mm (24.02") (W) x 260 mm (10.24") (D) x 590 mm (23.23") (H)
Weight (net/gross)
8.0 kg (17.63 lb)/ 11.9 kg (26.23 lb)
Environment
Operating temperature: 0°C ~ +40°C (+32°F ~ +104°F)
Storage temperature: 0°C ~ +40°C (+32°F ~ +104°F)
Relative humidity: 20% ~ 90% @ 40°C; non-condensing
Certificate
CE
IFO2175-873-NP-DRW
17" SXGA fanless touch panel computer with 3rd generation
Intel® Core™ processor, 5-wire resistive touch screen, super
multi drive and AC-DC 120W power adapter (screw type
connector)
IFO2175-873-NP w/o DRW 17" SXGA fanless touch panel computer with 3rd generation
Intel® Core™ processor, 5-wire resistive touch screen and
AC-DC 120W power adapter (screw type connector)
* Specification and certifications are based on options and may vary.
**Super Multi drive includes DVD-R, DVD-RW and DVD-RAM.
E202003330
VM-101 VESA ARM (clamp type)
E202003329
VM-105 VESA ARM (wall mount type)
E228170100
17" stand kit
Windows® XP
Windows® 7
Windows® 8.1
WE8S
438
75
100
76.5
OPEN I/O COVER VIEW



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com