Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX73212-R1B Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # EX73212-R1B
Description  Hardened Managed 16-port 10/100BASE with 2-port Gigabit combo Ethernet Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EX73212-R1B Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  EX73212-R1B Datasheet HTML 1Page - Axiomtek Co., Ltd. EX73212-R1B Datasheet HTML 2Page - Axiomtek Co., Ltd. EX73212-R1B Datasheet HTML 3Page - Axiomtek Co., Ltd. EX73212-R1B Datasheet HTML 4Page - Axiomtek Co., Ltd. EX73212-R1B Datasheet HTML 5Page - Axiomtek Co., Ltd. EX73212-R1B Datasheet HTML 6Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EX73000 Series
www.EtherWAN.com
1
rev. A4
Overview
EtherWAN’s EX73000 Series provides a Hardened Fully Managed 18-port switching platform combining high performance switching
backbone with robust and secure management features required for mission critical and harsh environments where sustained
connectivity is crucial.
The EX73000 Series is equipped with sixteen 10/100BASE Fast Ethernet ports, in combination with up to two Gigabit combo ports with
fixed Fiber options. Mountable on a DIN-rail, the EX73000 Series is equipped with EtherWAN’s Alpha-Ring self-healing technology,
providing less than 15ms fault recovery time making it ideal for applications intolerant to interruption.
Users are able to access management features such as port security, IGMP snooping, VLANs, GARP protocols, LACP to name a few, and
via web browser, Telnet, SNMP, RMON, TFTP, and RS-232 console interfaces.
EtherWAN — "When Connectivity is Crucial."
Spotlight
•VersatileConnectivity
◦ Provides 16-port 10/100BASE-TX/FX/BX/SFP plus 2-port Gigabit-SX/LX/BX/SFP combo
•HardenedGrade
◦ Wide operating temperature range from -40°C to 75°C (-40°F to 167°F) for extreme environments
◦ Fanless and ruggedized housing
•SecureRemoteAccess
◦ IEEE802.1x, and RADIUS support
•ISA12.12.01Certification
◦ Highly qualified for explosive environmental applications and certified by UL with ISA12.12.01 Class I, Division 2 classified for use in
hazardous locations
EX73000Series
HardenedManaged16-port10/100BASEwith2-portGigabitcombo
EthernetSwitch
NEMA
TS2
UL
508
12.12.01
ISA.


Similar Part No. - EX73212-R1B

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EX730 EXTECH-EX730 Datasheet
319Kb / 12P
800 Amp Clamp Meters
More results

Similar Description - EX73212-R1B

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EX78900 AXIOMTEK-EX78900 Datasheet
619Kb / 5P
Hardened Managed 16-port Gigabit Ethernet Switch
ER58000 AXIOMTEK-ER58000 Datasheet
885Kb / 5P
Hardened Managed 8-port 10/100BASE M12 PoE with 2-port Gigabit M12 Ethernet Switch
EX49000A AXIOMTEK-EX49000A Datasheet
520Kb / 3P
Hardened Unmanaged 16-port 10/100BASE PoE and 2-port Gigabit Ethernet Switch
EX63000 AXIOMTEK-EX63000 Datasheet
545Kb / 6P
Industrial Managed 16-port 10/100BASE with 2-port Gigabit combo Ethernet Switch
EX71000 AXIOMTEK-EX71000 Datasheet
853Kb / 6P
Hardened Managed 8-port 10/100BASE and 2-port Gigabit Ethernet Switch with SFP options
EX74000 AXIOMTEK-EX74000 Datasheet
564Kb / 5P
Hardened Managed 6-port 10/100BASE with 2-port SFP Gigabit combo Ethernet Switch
EX76000 AXIOMTEK-EX76000 Datasheet
594Kb / 6P
Hardened Managed 16-port 10/100BASE PoE with 2-port Gigabit combo Ethernet Switch
EX77000 AXIOMTEK-EX77000 Datasheet
895Kb / 6P
Hardened Managed 24-port 10/100BASE and 4-port Gigabit Ethernet Switch with SFP options
EX78000 AXIOMTEK-EX78000 Datasheet
719Kb / 6P
Hardened Managed 10-port 10/100BASE and 2-port Gigabit Ethernet Switch
EX83000 AXIOMTEK-EX83000 Datasheet
886Kb / 6P
IEC61850/IEEE1613 Managed Hardened 16-port 10/100BASE with 2-port Gigabit combo Ethernet Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com