Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6152 Datasheet(PDF) 21 Page - Semtech Corporation

Part # GS6152
Description  Multi-Rate 6G UHD-SDI
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6152 Datasheet(HTML) 21 Page - Semtech Corporation

Back Button GS6152 Datasheet HTML 17Page - Semtech Corporation GS6152 Datasheet HTML 18Page - Semtech Corporation GS6152 Datasheet HTML 19Page - Semtech Corporation GS6152 Datasheet HTML 20Page - Semtech Corporation GS6152 Datasheet HTML 21Page - Semtech Corporation GS6152 Datasheet HTML 22Page - Semtech Corporation GS6152 Datasheet HTML 23Page - Semtech Corporation GS6152 Datasheet HTML 24Page - Semtech Corporation GS6152 Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
GS6152
Final Data Sheet
Rev.2
PDS-060984
July 2015
21 of 80
Semtech
Proprietary & Confidential
www.semtech.com
Figure 4-2: LOS Threshold at 100mV Input Swing vs. SDI Data Rates for a Nominal
DEVICE_SPECIFIC_LOS_THRESHOLD of 53
Strength detection is unaffected by the Trace EQ settings in INPUT_CONTROL_REG_0.
When edge detection is used as the method of LOS detection the corresponding GPIO
pin will be HIGH (signal lost) when no transitions are detected on the selected input. The
corresponding GPIO pin will be LOW (signal present) when transitions are detected on
the input. The LOS status is also available through the LOS bit in the PLL_STATUS
register, and as a sticky status through the LOS_STICKY bit in the STICKY_STATUS
register at address 50h.
4.3.2 Lock Detection
The GS6152 lock detection circuitry outputs a LOCKED status signal which indicates that
the CDR has achieved phase lock to the incoming data stream. The LOCKED signal is an
active HIGH output available to the application on any of the GPIO[3:0] multi-function
status and control pins. It is selected for output using the GPIO[3:0]_IO_SELECT and
GPIO[3:0]_SELECT bits accessible in the GPIO_CONTROL_REG_0 and
GPIO_CONTROL_REG_1 registers. By default, LOCKED is output on GPIO1.
The LOCKED status is available from the LOCKED bit in the PLL_STATUS register, and the
LOCK_LOST_STICKY bit in the STICKY_STATUS register indicates whether lock has been
lost since the bit was last cleared.
6G-SDI
3G-SDI
HD-SDI
SD-SDI
30
35
40
45
50
55
60
0
1.485
2.97
4.455
5.94
Frequency (Gb/s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com