Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC704 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC704
Description  500mA Low Vin, Very Low Ron Load Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC704 Datasheet(HTML) 3 Page - Semtech Corporation

  SC704 Datasheet HTML 1Page - Semtech Corporation SC704 Datasheet HTML 2Page - Semtech Corporation SC704 Datasheet HTML 3Page - Semtech Corporation SC704 Datasheet HTML 4Page - Semtech Corporation SC704 Datasheet HTML 5Page - Semtech Corporation SC704 Datasheet HTML 6Page - Semtech Corporation SC704 Datasheet HTML 7Page - Semtech Corporation SC704 Datasheet HTML 8Page - Semtech Corporation SC704 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SC704/SC705
3
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
() Tested according to JEDEC standard JESD22-A4-B.
(2) Assumes 3 x 4.5 inch, 4 layer FR4 PCB per JESD5 with 4 mil (00 micron) width traces connected to ball pads.
Absolute Maximum Ratings
VIN to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3Vto+4.3V
EN to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3Vto+4.3V
OUT to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +V
VIN
ESD Protection Level() (kV) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Recommended Operating Conditions
Ambient Temperature Range (°C) . . . . . . . . . -40 < T
A < +85
V
VIN (V). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . to 3.6
CIN Input Capacitance = uF
Thermal Information
Thermal Resistance, Junction to Ambient(2) (°C/W) . . . 60
Maximum Junction Temperature (°C) . . . . . . . . . . . . . . +25
Storage Temperature Range (°C) . . . . . . . . . . . . -65 to +50
Peak IR Reflow Temperature (0s to 30s) (°C) . . . . . . . +260
Unless otherwise noted V
IN = .8V, CIN = μF, COUT = μF, VEN = VVIN, TA = -40°C to +85°C. Typical values are at TA = 25°C.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Supply Voltage Range
V
IN
.
3.6
V
Output Voltage
V
OUT
V
IN
V
Maximum Output Current
I
MAX
Continuous current
500
mA
On Resistance (Ron)
R
ON
V
IN =3.6V, IOUT = 200mA, V
V
EN =.5V
64
mΩ
V
IN =2.5V, IOUT = 200mA, V
V
EN =.5V
72
mΩ
V
IN =.8V, IOUT = 200mA, V
V
EN =.5V
90
30
mΩ
V
IN =.5V, IOUT = 200mA, V
V
EN =.5V
98
mΩ
V
IN =.2V, IOUT = 200mA, V
V
EN =.0V
26
mΩ
Shutdown Current
I
SD
V
EN =0V , VOUT open, TA = 25°C
0.
μA
V
EN =0V , -40°C <= TA <= 85°C
2
μA
Quiescent Current
I
Q
()
V
IN =VEN =3.6V, VOUT open, -40°C <= TA <= 85°C
2
µA
Enable
EN Input High Threshold
V
IH
.
V
ENABLE Input Low Threshold
V
IL
0.3
V
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com