Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC21150 Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC21150
Description  Tiny 1.2A Synchronous Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC21150 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC21150 Datasheet HTML 12Page - Semtech Corporation SC21150 Datasheet HTML 13Page - Semtech Corporation SC21150 Datasheet HTML 14Page - Semtech Corporation SC21150 Datasheet HTML 15Page - Semtech Corporation SC21150 Datasheet HTML 16Page - Semtech Corporation SC21150 Datasheet HTML 17Page - Semtech Corporation SC21150 Datasheet HTML 18Page - Semtech Corporation SC21150 Datasheet HTML 19Page - Semtech Corporation SC21150 Datasheet HTML 20Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
SC21150
6
Over-current Protection
The SC250 provides overload protection through pulse
by pulse current limiting. During the high-side on-time,
the high-side switches off if the inductor current exceeds
2.2A typically. The low-side turns on briefly, followed by
the next high-side on-time. Switching continues while
the output overload exists. When the overload is removed,
the SC250 will resume normal operation. If the over-
load causes high junction temperature, the SC250 will
go into Over-temperature protection.
Over-temperature Protection
The SC250 will shut down if the junction temperature
exceeds typically 60 °C. The device will automatically
restart after the junction temperature has dropped typi-
cally 0 °C.
Component Selection
The SC250 is optimized for use with components as
shown in the Detailed Applications Circuit, page .
Inductor: the inductor should be 0.47uH and capable of
supporting a minimum current of .2A.
Input capacitor: ceramic capacitor, minimum 4.7uF, X5R
or X7R or better dielectric.
Output capacitor: ceramic capacitor, minimum 0uF, X5R
or X7R or better dielectric.
Note when operating in Min Off mode, higher output
capacitance may needed to reduce output ripple when
VIN approaches VOUT.
The FB components provide output voltage sensing and
feedback compensation to regulate the output. The
output voltage is programmed using two resistor along
with a compensation capacitor.
Rtop
To FB pin
Rbot
VOUT
Ctop
To FB pin
Applications Information (continued)
The FB regulation setpoint is 800mV. The output voltage
can be calculated as shown.
The FB resistor values can be calculated as shown. It is
recommended to use 00kΩ for Rbot to minimize power
loss in the FB network.
The optimum value for Ctop is 22pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com