Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC705 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC705
Description  500mA Low Vin, Very Low Ron Load Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC705 Datasheet(HTML) 5 Page - Semtech Corporation

  SC705 Datasheet HTML 1Page - Semtech Corporation SC705 Datasheet HTML 2Page - Semtech Corporation SC705 Datasheet HTML 3Page - Semtech Corporation SC705 Datasheet HTML 4Page - Semtech Corporation SC705 Datasheet HTML 5Page - Semtech Corporation SC705 Datasheet HTML 6Page - Semtech Corporation SC705 Datasheet HTML 7Page - Semtech Corporation SC705 Datasheet HTML 8Page - Semtech Corporation SC705 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SC704/SC705
5
Time (2ms/div)
Start Up by VIN
Start up by EN
Start up by EN
1.8Vin, 0A
Typical Characteristics (SC704)
V
OUT
1V/div.
V
IN
1V/div.
I
OUT
0.2A/div.
3.6Vin,0A
Time (5us/div)
V
IN
1V/div.
I
IN
0.2A/div.
V
OUT
1V/div.
Testing condition: VIN=3.6V, Iout=0.5A,
C2=1uF, 25
CR Mode, Chroma 63030
T6(Vout)
T5(Vin)
Iout
Start up by VIN
3.6Vin, 0.5A
EN
2V/div.
Time (5us/div)
Time (5ms/div)
Shutdown by VIN
V
OUT
1V/div.
V
IN
1V/div.
I
OUT
0.2A/div.
3.6Vin, 0.5A
Testing condition: VIN=3.6V,
Iout=0.5A, C2=1uF, CR mode, 25
T6(Vout)
T5(Vin)
Iout
Shutdown by VIN
Start up by EN (VIN lead EN)
Testing condition: VIN=1.8V, 25
,
Iout=0.2A, C1=C2=1uF, CR Mode
Testing condition: VIN=3.6V, 25
,
Iout=0.2A, C1=C2=1uF, CR Mode
Iin
T6(Vout)
T5(Vin)
Iin
T6(Vout)
EN
T5(Vin)
EN
Start up by EN (VIN lead EN)
Testing condition: VIN=1.8V, 25
,
Iout=0.2A, C1=C2=1uF, CR Mode
Testing condition: VIN=3.6V, 25
,
Iout=0.2A, C1=C2=1uF, CR Mode
Iin
T6(Vout)
T5(Vin)
Iin
T6(Vout)
EN
T5(Vin)
EN
V
IN
2V/div.
I
IN
1A/div.
V
OUT
2V/div.
EN
2V/div.
Time (10us/div)
V
OUT
0.4V/div.
I
OUT
0.1A/div.
Shutdown by EN
V
IN
1V/div.
1.8Vin, 9
Ω
EN
1.5V/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com