Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC728EVB Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC728EVB
Description  2A Low Vin, Very Low Ron Load Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC728EVB Datasheet(HTML) 2 Page - Semtech Corporation

  SC728EVB Datasheet HTML 1Page - Semtech Corporation SC728EVB Datasheet HTML 2Page - Semtech Corporation SC728EVB Datasheet HTML 3Page - Semtech Corporation SC728EVB Datasheet HTML 4Page - Semtech Corporation SC728EVB Datasheet HTML 5Page - Semtech Corporation SC728EVB Datasheet HTML 6Page - Semtech Corporation SC728EVB Datasheet HTML 7Page - Semtech Corporation SC728EVB Datasheet HTML 8Page - Semtech Corporation SC728EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SC728/SC729
2
Pin Configuration
Ordering Information
Device
Package
SC728CSTRT
CSP 0.76mm×0.76mm 4-bump
SC729CSTRT
CSP 0.76mm×0.76mm 4-bump
SC728EVB
Evaluation Board
SC729EVB
Evaluation Board
Notes:
(1) Available in tape and reel only. A reel contains 5,000 devices.
(2) Lead-free packaging only. Device is WEEE and RoHS compliant,
and halogen free.
A 1
A2
B 1
B2
TO P VIEW
(BU M PS O N TH E BO TTO M )
CSP 0.76x0.76, 4 Bump
Pin Descriptions
Pin #
Pin
Name
Pin Function
A2
VIN
Input Voltage.
B2
EN
Enable input. A 5.5MΩ internal resistor is connected from this pin to GND. Drive HIGH to turn on the switch;
drive LOW to turn off the switch. When the EN pin is floated, the switch is OFF.
A1
VOUT
Output Voltage.
B1
GND
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com