Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54F413 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54F413
Description  64 x 4 First-In First-Out Buffer Memory with Parallel I/O
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F413 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  54F413 Datasheet HTML 1Page - National Semiconductor (TI) 54F413 Datasheet HTML 2Page - National Semiconductor (TI) 54F413 Datasheet HTML 3Page - National Semiconductor (TI) 54F413 Datasheet HTML 4Page - National Semiconductor (TI) 54F413 Datasheet HTML 5Page - National Semiconductor (TI) 54F413 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AC Electrical Characteristics
74F
54F
74F
TA ea25 C
TA VCC e Mil
TA VCC e Com
Symbol
Parameter
VCC ea50V
CL e 50 pF
CL e 50 pF
Units
CL e 50 pF
Min
Typ
Max
Min
Max
Min
Max
fmax
Shift In Rate
10
80
10
MHz
fmax
Shift Out Rate
10
80
10
MHz
tPLH
Propagation Delay
15
440
15
500
15
480
ns
tPHL
Shift In to IR
15
310
15
370
15
350
tPLH
Propagation Delay
15
520
15
570
15
550
ns
tPHL
Shift Out to OR
15
310
15
370
15
350
tPLH
Propagation Delay
15
460
15
520
15
500
ns
tPHL
Output Data Delay
15
340
15
390
15
370
tPLH
Propagation Delay
15
270
15
330
15
310
ns
Master Reset to IR
tPLH
Propagation Delay
15
300
15
340
15
320
ns
Master Reset to OR
AC Operating Requirements
74F
54F
74F
Symbol
Parameter
TA ea25 C
TA VCC e Mil
TA VCC e Com
Units
VCC ea50V
Min
Max
Min
Max
Min
Max
ts(H)
Setup Time HIGH or LOW
10
10
10
ts(L)
Dn to SI
10
10
10
ns
th(H)
Hold Time HIGH or LOW
100
100
100
th(L)
Dn to SI
100
100
100
tw(H)
Shift In Pulse Width
50
50
50
tw(L)
HIGH or LOW
100
100
100
ns
tw(H)
Shift Out Pulse Width
75
85
75
tw(L)
HIGH or LOW
100
100
100
tw(H)
Input Ready Pulse Width
75
85
75
ns
HIGH
tw(L)
Output Ready Pulse Width
50
50
50
ns
LOW
tw(L)
Master Reset Pulse Width
100
100
100
ns
LOW
trec
Recovery Time MR to SI
320
350
350
ns
tPT
Data Throughput Time
09
10
10
m
s
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com