Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NA360-R8GI-725C Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # NA360-R8GI-725C
Description  Supports eight 10/100/1000Mbps Ethernet ports
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

NA360-R8GI-725C Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  NA360-R8GI-725C Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
21
www.axiomtek.com/NA
Rear view
Front view
Features
NA360
1U Rackmount Network Appliance Platform
with Intel® Celeron® 725C Processor and
up to 16 LANs
● Integrated with Sandy Bridge Gladden/ Ivy Bridge Gladden
processors + Cave Creek chipset. Default is Intel® Celeron®
725C, other processors could be selected by optional requests
● Two DIMM sockets support up to 16 GB ECC/ non-ECC
memory (DDR3-1333, single channel)
● Supports eight 10/100/1000Mbps Ethernet ports
● 2 groups LAN bypass function through latch relay (default)
● Supports Intel® QuickAssist Technology
● LAN module expansion supports copper and fiber (AX93316/
AX93326/AX93322/AX93307/AX93317)
● Supports BIOS redirected to COM port
● Supports BIOS Quick Boot
● Suitable for VPN, network bandwidth controller, firewall
applications
Dimensions
Specifications
System
CPU
Intel® Celeron® 725C processor
Chipset
Intel® DH8903CC
Memory
2 x DDR3-1333 DIMM sockets max. up to 16 GB ECC/
non-ECC memory (single channel)
BIOS
AMI 64 Mbits PnP Flash BIOS with function of BIOS
redirected to COM port
Storage
2 x 2.5" SATA HDD / 1 x CompactFlash™,
1 x 3.5" SATA HDD / 1 CFast™ (optional)
Network Interface
8 x 10/100/1000Mbps Ethernet (Intel® i210)
1 expandable LAN module, up to 16 LAN ports (optional)
(AX93316/AX93326/AX93322/AX93307/AX93317)
I/O Interface
1 x RS-232 (RJ-type connector), 2 x USB connectors,
8 x RJ-45 connectors
Watchdog Timer
255 stepping for system reset
8 stepping for LAN bypass
USB
2 x USB 2.0 ports on front side, rest are internal pin headers
Expansion Slot
1 x PCIe x8 (optional)
1 x PCIe Mini Card slot (optional)
Other Features
LAN bypass function through latch relay
(2 pairs in default, up to 8 pairs LAN bypass)
Power Supply
270W ATX power supply
OS Compatibility
Linux Redhat Kernel
Mechanical/ Environmental
Form Factor
1U rackmount
LED
Power, HDD, Link/Act with transfer rate, LAN bypass, GPIO
programmable (optional)
Operating Temp.
0° ~ +40°C (32°F ~ 104°F)
Storage Temp.
-20°C ~ +70°C (-4°F ~ +158°F)
Humidity
10% ~ 90% RH, non-condensing
Chassis Material
Steel
Dimensions
44mm (1.73”) (H) x 430mm (16.84”) (W) x 450mm (20.59”) (D)
Weight (net/gross)
8.2 kg (18.08 lb)/ 9.8 kg (21.61 lb)
Certification
FCC/CE
Ordering Information
Packing List
Standard
NA360-R8GI-725C
(P/N: E26E360100)
1U network appliance with Intel® Celeron® 725C
processor, 8 GbE LAN ports and 1 LAN module (optional)
Optional
5916E552000E
DB9F-RJ45 1.8M console cable for Cisco
1 x SATA cable
1 x utility CD (user's manual and driver)
1 x power cord
LAN Bypass
NIC Module
DDR3
DDR3
DDR3
CFastTM


Similar Part No. - NA360-R8GI-725C

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
NA361 AXIOMTEK-NA361 Datasheet
381Kb / 1P
Compact Network Appliance Platform with Intel짰 Atom??Rangeley Processor and 6 LANs
NA361-D6GI-CF-US AXIOMTEK-NA361-D6GI-CF-US Datasheet
252Kb / 1P
Supports six 10/100/1000Mbps Ethernet ports
NA361R AXIOMTEK-NA361R Datasheet
209Kb / 1P
Supports BIOS redirected to COM port feature
NA361R-R6GI-US AXIOMTEK-NA361R-R6GI-US Datasheet
209Kb / 1P
Supports BIOS redirected to COM port feature
NA361R AXIOMTEK-NA361R_17 Datasheet
276Kb / 1P
1U Rackmount Network Appliance Platform with Intel Atom Processor
More results

Similar Description - NA360-R8GI-725C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACD82224 ETC1-ACD82224 Datasheet
359Kb / 77P
24 Ports 10/100 Fast Ethernet Switch
logo
Level One
GEP-1621 LVL1-GEP-1621 Datasheet
436Kb / 5P
16 PoE-Plus Gigabit Ethernet ports 10/100/1000Mbps wire speed transmission and reception
GEP-1622 LVL1-GEP-1622 Datasheet
381Kb / 4P
16 PoE-Plus Gigabit Ethernet ports 10/100/1000Mbps wire speed transmission and reception
GES-1651 LVL1-GES-1651 Datasheet
381Kb / 5P
16 Gigabit Ethernet ports with 2 shared SFP slots 10/100/1000Mbps wire speed transmission and reception
GSW-0807 LVL1-GSW-0807 Datasheet
290Kb / 4P
8 Gigabit Ethernet ports 1000Mbps-Full-duplex
logo
Axiomtek Co., Ltd.
ICO300 AXIOMTEK-ICO300 Datasheet
360Kb / 2P
2 isolated 10/100/1000Mbps Ethernet
EBOX530-820-FL AXIOMTEK-EBOX530-820-FL_14 Datasheet
2Mb / 1P
Supports 10/100/1000Mbps Ethernet
ICO300 AXIOMTEK-ICO300_16 Datasheet
418Kb / 2P
2 isolated 10/100/1000Mbps Ethernet ports
ICO300-MI AXIOMTEK-ICO300-MI_16 Datasheet
392Kb / 2P
2 isolated 10/100/1000Mbps Ethernet ports
NA361 AXIOMTEK-NA361_16 Datasheet
252Kb / 1P
Supports six 10/100/1000Mbps Ethernet ports
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com