Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NA361R-R6GI-US Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # NA361R-R6GI-US
Description  Supports BIOS redirected to COM port feature
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

NA361R-R6GI-US Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  NA361R-R6GI-US Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* All specifications and photos are subject to change without notice.
20
www.axiomtek.com/NA
Features
NA361R
1U rackmount Network Appliance Platform
with Intel® Atom™ Rangeley Processor
and 6 LANs
● Intel® Rangeley SoC up to 2.4 GHz with 4M L2 cache
processor
● Supports six 10/100/1000Mbps Ethernet ports (Intel® i354 &
Intel® i210)
● Supports BIOS redirected to COM port feature
● Supports up to two 2.5’’ SATA2 HDD
● Supports Intel® QuickAssist Technology
● Supports Intel® DPDK enabling software
● Suitable for VPN, network bandwidth controller, firewall
and UTM applications
Ordering Information
Packing List
Standard
NA361R-R6GI-US
(P/N: E26E361102)
1U rackmount network security appliance with Intel®
Atom™ processor C2558 and up to 6 GbE LAN ports
Optional
5916E552000E
DB9F-RJ45 1.8M Console cable for Cisco
* Specifications and certifications are based on options and may vary.
** Recommend ordering optional cable kit with first order.
1 x power cord
1 x utility CD (user’s manual and driver)
Specifications
System
CPU
Intel® Atom™ processor C2558 (4-core) 2.4 GHz/C2758
(8-core) 2.4 GHz for optional
Chipset
SoC Integrated
Memory
4 x DDR3-1600MHz UDIMM sockets max. up to 32 GB
unbuffered non-ECC/ECC memory (Dual channel)
BIOS
AMI 64Mbits PnP Flash with function of BIOS redirected to
COM port
Storage
2 x 2.5" SATA HDD / 1 x Compact Flash™ type-II,
1 x 3.5” SATA HDD/ 1 x CFast™ (optional)
Network Interface
6 x 10/100/1000Mbps Ethernet (Intel® i354 & Intel® i210)
4RJ+2SFP for optional
1 x LAN module (for optional), max. up to 14 LAN ports
I/O Interface
1 x RS-232 (RJ-type), 2 x USB connectors, 6 x RJ-45
connectors
Watchdog Timer
255 stepping for system reset
8 stepping for LAN bypass
USB
2 x USB 2.0 ports on rear side
Other Features
LAN bypass function through latch relay (two pairs)
Power Supply
Open frame
OS Compatibility
Yocto, Linux
Mechanical/ Environmental
Form Factor
1U rackmount
LED
Power, HDD, Link/Act with transfer rate
Operating Temp.
0° ~ +40°C (32°F ~ 104°F)
Storage Temp.
-20° ~ +70°C (-4°F ~ +158°F)
Humidity
10% ~ 90% RH, non-condensing
Chassis Material
Steel
Dimensions
44 mm (1.73’’) (H) x 430 mm (16.93”) (W) x 250 mm (9.84”) (D)
Weight (net/gross)
3.5 kg (7 lb)/ 4.5 kg (9 lb)
Certification
FCC class B/ CE class B
Dimensions
Rear view
Front view
DDR3
DDR3
DDR3
CFastTM
LAN Bypass
NIC Module


Similar Part No. - NA361R-R6GI-US

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
NA361R AXIOMTEK-NA361R_17 Datasheet
276Kb / 1P
1U Rackmount Network Appliance Platform with Intel Atom Processor
More results

Similar Description - NA361R-R6GI-US

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
NA-320R AXIOMTEK-NA-320R Datasheet
197Kb / 1P
Supports BIOS redirected to COM port
NA-330 AXIOMTEK-NA-330 Datasheet
223Kb / 1P
Supports BIOS redirected to COM port
NA-340 AXIOMTEK-NA-340 Datasheet
219Kb / 1P
Supports BIOS redirected to COM port
NA-510 AXIOMTEK-NA-510 Datasheet
141Kb / 1P
Supports BIOS redirected to COM port
NA-811A AXIOMTEK-NA-811A Datasheet
290Kb / 1P
Supports BIOS redirected to COM port features
NA-822 AXIOMTEK-NA-822 Datasheet
135Kb / 1P
Supports BIOS redirected to COM port
NA510 AXIOMTEK-NA510 Datasheet
160Kb / 1P
Supports BIOS redirected to COM port
NA550 AXIOMTEK-NA550 Datasheet
244Kb / 1P
Supports BIOS redirected to COM port
NA552 AXIOMTEK-NA552 Datasheet
271Kb / 1P
Supports BIOS redirected to COM port
NA850 AXIOMTEK-NA850_16 Datasheet
299Kb / 1P
Supports BIOS redirected to COM port
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com