Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NA-510-R8GI-RC Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # NA-510-R8GI-RC
Description  Supports BIOS redirected to COM port
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

NA-510-R8GI-RC Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  NA-510-R8GI-RC Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* All specifications and photos are subject to change without notice.
axiomtek.com
© 2015 Axiomtek Co., Ltd. All rights reserved.
Overview
Accessories
SMB Series
SOHO Series
2
Features
NA510
1U Rackmount Network Appliance Platform
with LGA1156 Socket Intel® Core™
Processor and 8 LANs
● LGA1156 socket type of processor as Intel® i5-660/ i3-540/
G6960, i7-860/ i5-750
● Supports eight 10/100/1000Mbps Ethernet ports
(Intel® 82574L/82578DM)
● Supports unbuffer and non-ECC DDR3 memory up to 8GB
● Supports two 2.5" SATA HDD or one 3.5" SATA HDD for data
or proxy
● Supports BIOS redirected to COM port
● Suitable for VPN, firewall and other network security
applications
Ordering Information
Packing List
Dimensions
Specifications
Rear view
Front view
System
CPU
LGA1156 socket for Intel® i5-660/ i3-540/ G6960, i7-860/
i5-750 processors
Chipset
Intel® Q57
Memory
2 x DDR3-800/1066/1333 DIMM max. up to 8 GB
(unbuffered non-ECC)
BIOS
Award 64 Mbit PnP Flash BIOS with function of BIOS
redirected to COM port
Storage
2 x 2.5" SATA HDD / 1 x Compact Flash™ type-II,
1 x 3.5” SATA HDD/ DOM SATA2 type (optional)
Network Interface
8 x 10/100/1000Mbps Ethernet
(Intel
® 82574L, Intel® 82578DM)
I/O Interface
1 x console (RJ type), 2 x USB connector, 8 x RJ-45
connector for LAN
Watchdog Timer
255 stepping for porting
USB
2 x USB 2.0 port on front side, rest are internal pin headers
Expansion Slot
1 x 32bit/33MHz MiniPCI/1 x PCIe x8 slot
Other Features
LAN bypass function through WDT and GPIO pin Control
(2 groups)
Power Supply
270W ATX power
Management Capability
Intel® AMT (Active Management Technology) 6.0 for remote
control and diagnosis
OS Compatibility
Linux Red Hat 2.4 and 2.6, FreeBSD
Mechanical/ Environmental
Form Factor
1U rackmount
LED
Power, HDD, Link/Act with transfer rate (RJ-45)
Operating Temp.
0° ~ +45°C (32°F ~ 113°F)
Storage Temp.
-20°C ~ +70°C (-4°F ~ +158°F)
Humidity
10% ~ 95% RH, non-condensing
Chassis Material
Steel
Dimensions
44 mm (1.73") (H) x 430 mm (16.93") (W) x 394.4 mm (15.52") (D)
Weight (net/gross)
8.2 kg (17.64 lb)/9.8 kg (21.61 lb)
Certification
FCC class A/CE class A
Standard
NA-510-R8GI-RC
(P/N: E26E510100)
1U high performance network appliance with LGA1156
socket for Intel® Clarkdale i5-660/i3-540/ G6960, Lynnfield
i7-860/ i5-750 and 8 x 10/100/1000Mbps
Optional
CK9A104
Cable kit (P/N: 8816E320010E)
AX92101
VGA MiniPCI module
59416112100E
Cable DB9 (M) - RJ-45, L: 1.5M straight cable
* Specifications and certifications are based on options and may vary.
** Recommend ordering optional cable kit with first order.
1 x power cord
1 x SATA cable
1 x utility CD (user's manual and driver)
1 x RJ-45 to DB9 (F) 1.8M console cable (RC) cross cable
Introduction
The NA510 is a 1U rackmountable network hardware platform with featuring high
performance and high density for VPN, firewall and other network security applications.
It supports LGA1156 socket for Intel® i5-660/ i3-540/ G6960, i7-860/ i5-750 up to 8 GB
un-buffer non-ECC DDR3-800/1066/1333 DIMM memory. For storing event log data, the
NA510 utilizes two 2.5" SATA HDD or one 3.5" SATA HDD; limited support of SATA DOM as
an option. It also supports two groups of LAN bypass through WDT and GPIO pin definition
without any downtime.
AMT


Similar Part No. - NA-510-R8GI-RC

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
NA-510 AXIOMTEK-NA-510 Datasheet
141Kb / 1P
Supports BIOS redirected to COM port
More results

Similar Description - NA-510-R8GI-RC

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
NA-320R AXIOMTEK-NA-320R Datasheet
197Kb / 1P
Supports BIOS redirected to COM port
NA-330 AXIOMTEK-NA-330 Datasheet
223Kb / 1P
Supports BIOS redirected to COM port
NA-340 AXIOMTEK-NA-340 Datasheet
219Kb / 1P
Supports BIOS redirected to COM port
NA-510 AXIOMTEK-NA-510 Datasheet
141Kb / 1P
Supports BIOS redirected to COM port
NA-811A AXIOMTEK-NA-811A Datasheet
290Kb / 1P
Supports BIOS redirected to COM port features
NA-822 AXIOMTEK-NA-822 Datasheet
135Kb / 1P
Supports BIOS redirected to COM port
NA361R AXIOMTEK-NA361R Datasheet
209Kb / 1P
Supports BIOS redirected to COM port feature
NA550 AXIOMTEK-NA550 Datasheet
244Kb / 1P
Supports BIOS redirected to COM port
NA552 AXIOMTEK-NA552 Datasheet
271Kb / 1P
Supports BIOS redirected to COM port
NA850 AXIOMTEK-NA850_16 Datasheet
299Kb / 1P
Supports BIOS redirected to COM port
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com