Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NA552-R2GI-FS-US Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # NA552-R2GI-FS-US
Description  Supports BIOS redirected to COM port
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

NA552-R2GI-FS-US Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  NA552-R2GI-FS-US Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* All specifications and photos are subject to change without notice.
16
www.axiomtek.com/NA
Rear view
Front view
Features
NA552
1U Rackmount Network Appliance Platform
LGA1155 Intel® Xeon® E3 / Core™
processors, Intel® C216 and up to 26 LANs
● LGA1155 socket 3rd/2nd Generation Intel® Xeon®
E3/Core™ family processors
● Four DIMM sockets support up to 32 GB unbuffered
non-ECC/ECC memory (DDR3-1333, dual channel)
● Supports diversified LAN modules expansion,
3 expandable LAN module slots support max. up to 26 LAN ports
● Supports 1U redundant power supply (optional)
● Supports BIOS redirected to COM port
● Suitable for VPN, network bandwidth controller, firewall
applications
● Supports the Intel® Data Plane Development Kit
(Intel® DPDK)
Ordering Information
Packing List
Specifications
System
CPU
LGA1155 3rd/2nd generation Intel® Xeon® E3/ Core™
family processors
Chipset
Intel® C216
Memory
4 x DDR3-1333 DIMM sockets max. up to 32 GB unbuffered
BIOS
AMI 64Mbits PnP Flash with function of BIOS redirected to
COM port
Storage
2 x 2.5” SATA HDDs / 1 x CFast™,
1 x 3.5” SATA HDD / 1 x Compact Flash™ (optional)
Network Interface
The default is 18 x 10/100/1000Mbps (Intel® i210AT/
82580EB) and 4 group LAN bypass. Expandable up to
26 LAN ports via LAN modules
I/O Interface
1 x console RJ-type connector, 2 x USB connectors,
17 x RJ-45 connectors, 1 x VGA connector
Watchdog Timer
255 stepping for system reset
8 stepping for LAN bypass
USB
2 x USB 2.0 ports on front side, rest are internal pin headers
Expansion slot
1 x PCIe x4 slot (optional)
Other Features
LAN bypass function through software program
Power Supply
270W ATX power supply
1U redundant power supply (optional)
OS Compatibility
Linux Redhat Kernel
Mechanical/ Environmental
Form Factor
1U rackmount
LED
Power, HDD, Link/Act with transfer rate, GPIO
Operating Temp.
0° ~ +40°C (32°F ~ 104°F)
Storage Temp.
-20°C ~ +70°C (-4°F ~ +158°F)
Humidity
10% ~ 95% RH, non-condensing
Chassis Material
Steel
Dimensions
44 mm (1.73") (H) x 430 mm (16.84”) (W) x 450mm (20.59") (D)
Weight (net/gross)
8.32 kg (18.34 lb)/12.76 kg (28.13 lb)
Certification
FCC class A / CE class A
Standard
NA552-R2GI-FS-US
(P/N: E26E552101)
1U network appliance with LGA1155 3rd/2nd generation
Intel® Core™ processors and 2 GbE LANs
NA552-RIGI-FS-US
(P/N: E26E552100)
1U network appliance with LGA1155 3rd/2nd generation
Intel® Core™ processors and 18 GbE LANs
Optional
5916E552000E
DB9F-RJ-45 1.8M console cable for Cisco
AX93316-8GI
8-port Gigabit copper module
AX93316-8GIL
8-port Gigabit copper module with LAN bypass
AX93322-8FI
8-port Fiber module
AX93322-8MIL
4-port Gigabit copper & 4-port Fiber module with LAN bypass
AX93336-4GI
4-port Gigabit copper module
AX93336-4GIL
4-port Gigabit copper module with LAN bypass
AX93336-4FI
4-port Fiber module
AX93307-2FI
2-port 10G Fiber module
AX93307-2FIL
2-port 10G Fiber module with LAN bypass
AX93317-2GIL
2-port 10G Base-T module with LAN bypass
AX93327-4FI
4-port 10G Fiber module
* Specifications and certifications are based on options and may vary.
** Recommend ordering optional cable kit with first order.
1 x power cord
1 x SATA cable
1 x utility CD (user's manual and driver)
LAN Bypass
NIC Module
DDR3
DDR3
DDR3
CFastTM
Dimensions


Similar Part No. - NA552-R2GI-FS-US

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
NA552 AXIOMTEK-NA552_17 Datasheet
246Kb / 1P
1U Rackmount Network Appliance Platform LGA1155 Socket Intel Xeon E3/Core Family Processor, Intel C216 and up to 26 LANs
More results

Similar Description - NA552-R2GI-FS-US

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
NA-320R AXIOMTEK-NA-320R Datasheet
197Kb / 1P
Supports BIOS redirected to COM port
NA-330 AXIOMTEK-NA-330 Datasheet
223Kb / 1P
Supports BIOS redirected to COM port
NA-340 AXIOMTEK-NA-340 Datasheet
219Kb / 1P
Supports BIOS redirected to COM port
NA-510 AXIOMTEK-NA-510 Datasheet
141Kb / 1P
Supports BIOS redirected to COM port
NA-811A AXIOMTEK-NA-811A Datasheet
290Kb / 1P
Supports BIOS redirected to COM port features
NA-822 AXIOMTEK-NA-822 Datasheet
135Kb / 1P
Supports BIOS redirected to COM port
NA361R AXIOMTEK-NA361R Datasheet
209Kb / 1P
Supports BIOS redirected to COM port feature
NA510 AXIOMTEK-NA510 Datasheet
160Kb / 1P
Supports BIOS redirected to COM port
NA550 AXIOMTEK-NA550 Datasheet
244Kb / 1P
Supports BIOS redirected to COM port
NA850 AXIOMTEK-NA850_16 Datasheet
299Kb / 1P
Supports BIOS redirected to COM port
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com