Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCFP21 Datasheet(PDF) 2 Page - ASM GmbH

Part # PCFP21
Description  Position Sensor Flat Housing with Analog Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PCFP21 Datasheet(HTML) 2 Page - ASM GmbH

  PCFP21 Datasheet HTML 1Page - ASM GmbH PCFP21 Datasheet HTML 2Page - ASM GmbH PCFP21 Datasheet HTML 3Page - ASM GmbH PCFP21 Datasheet HTML 4Page - ASM GmbH PCFP21 Datasheet HTML 5Page - ASM GmbH PCFP21 Datasheet HTML 6Page - ASM GmbH PCFP21 Datasheet HTML 7Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ASM GmbH
CAT-PC-E-04
21
Tel.: +49-8123-986-0 Fax: +49-8123-986-500 www.asm-sensor.com
POSICHRON
® position sensor in flat housing
· Protection class IP67
· Measurement Range 0 ... 100 up to 0 ... 5750 mm
· Absolute position measurement
· Wear- and maintenance-free
· Easy mounting
· Various magnet positions
· Pulse output (start/stop)
Specifications
Output
Pulse output (start/stop)
Resolution
Essentially infinite
Sampling rate
0.5 ... 2 kHz depending on measurement range
Linearity
±0.1 mm for ranges
£500 mm
±0.02 % f.s. for ranges >500 mm
Material
AlMgSi1
Protection class
IP67
Operating temperature
-40 ... +85 °C
EMC, immunity to interference
EN61326: 1998, Table A1
EMC, radio frequency emission
EN55011 group 1 class A
Shock
100 g/6 ms according to EN60068-2-27
Vibration
15 g, 10 … 2000 Hz according to EN60068-2-6
Connection
Cable output, standard length 3 m
Order Code PCFP21
Model Name
Measurement Range (in mm)
100 / 500 / 1000 / 1500 / 2000 / 2500 / 3000 / 4000 / 5000 / 5750
Other ranges on request
Outputs
STSP
= with pulse output (start/stop)
Connection
KAB3M
= Cable output, length 3 m (standard)
The sensor will be delivered incl. mounting and insulation parts
PCFP21
Order Example: PCFP21 - 1500 - STSP - KAB3M
Order Code Position Magnet (see accessories page 58)
PCMAG...
PCFP21 POSICHRON
® Position Sensor
Flat Housing with Pulse Output



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com