Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NA580-R6GI-H110 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # NA580-R6GI-H110
Description  ATX power supply, 1U redundant power supply for optional
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

NA580-R6GI-H110 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  NA580-R6GI-H110 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* All specifications and photos are subject to change without notice.
14
www.axiomtek.com/NA
Front view
Features
NA580
1U Rackmount Network Appliance Platform
with LGA1151 Intel® Xeon® E3/Core™
Family Processor (Skylake) and 8 LANs
● LGA1151 Intel® Xeon® E3/Core™ family processor (Skylake)
● 4 DDR4 2400 UDIMM up to 64 GB memory (Intel® C236)
2 DDR4 2400 UDIMM up to 32 GB memory (Intel® H110)
● 8 GbE ports, 1 expandable LAN module
● Two 2.5" SATA HDD (default) or one 3.5” SATA HDD
● ATX power supply, 1U redundant power supply for
optional
● IPMI module for optional use
Ordering Information
Packing List
Specifications
Standard
NA580-R8GI-C236
(E26E580100)
LGA1151 Intel® Xeon® E3 / Core™ processor family,
8 GbE LANs, 2 pairs LAN bypass. 1 expandable LAN module
(optional)
NA580-R6GI-H110
(E26E580101)
LGA1151 Intel® Xeon® E3 / Core™ processor family,
6 GbE LANs, 2 pairs LAN bypass. 1 expandable LAN module
(optional)
Optional
5916E552000E
DB9F- RJ45 1.8M CONSOLE CABLE FOR CISCO
* Specifications and certifications are based on options and may vary.
** Recommend ordering optional cable kit with first order.
1 x power cord
1 x utility CD (user's manual and driver)
2 x SATA Cable
1 x Rackmount ear
Rear view
System
CPU
LGA1151 socket Intel® Xeon® E3/Core™ processor family
Chipset
Intel® C236/H110
Memory
4 x DDR4-2400 UDIMM non-ECC/ECC memory max.
up to 64 GB (Intel® C236)
2 x DDR4-2400 UDIMM non-ECC/ECC memory max.
up to 32 GB (Intel® H110)
BIOS
AMI SPI Flash BIOS
Storage
2 x 2.5" SATA HDD/ 1 x CFast™,
1 x 3.5" SATA HDD (optional for ATX power supply only)
mSATA (by request)
Network Interface
8 x 10/100/1000Mbps (Intel® i210) C236 PCH
6 x 10/100/1000Mbps (Intel® i210) H110 PCH
10 x 10/100/1000Mbps (Intel® i210) or 8 copper + 2SFP
(C236) for optional
1 x LAN module (for optional), max up to 18 LAN ports
I/O Interface
1 x RS-232 (RJ-45 Type), 2 x USB 3.0, 8 x RJ-45 LAN ports
Watchdog Timer
System reset: 255 levels, 1-255 sec
LAN bypass: 7 levels, 1-64 sec
Expansion Slot
2 x Mini card slots (for optional); PCIe x8 slot optional
USB
2 x USB 3.0 port on front side
Other Features
LAN bypass function through latch relay two pairs
(LBP1: Port3 and Port4 / LBP2: Port 5 and Port6)
Power Supply
ATX 270W power supply or 1U redundant 280W power
supply (1+1) for optional
OS Compatibility
Linux Kernel 2.6.x
Mechanical/ Environmental
Form Factor
1U rackmount
Indicate
Power, HDD, LAN bypass1~2, GPIO
Operating Temp.
0°C ~ 45°C (32°F ~113°F) (ATX Power Supply)
0°C ~ 40°C (32°F ~104°F) (Redundant Power Supply)
Storage Temp
-20° ~ +70°C (-4°F ~ +158°F)
Humidity
10% ~ 90% RH, non-condensing
Chassis Material
Steel
Dimensions
44 mm (1.73") (H) x 430 mm (16.84") (W) x 450 mm (20.59") (D)
Weight
8.5 kg (18.74 lb)/9.8 kg (21.61 lb)
Certification
FCC class A / CE class A
USB 3.0
USB
USB
LAN Bypass
DDR4
DDR4
DDR4
mSATA
mSATA
mSATA
Redundant Power
0+1
0+1
1+1
1+1
IPMI
CFastTM
NIC Module
LCM
Expansion slot
(PCIe x8)
System FANs
VGA
ATX power supply
Redundant power (optional)
Tact Switch/LED
Console/USB 3.0
LAN1-8
LAN Module
Keypad
Dimensions
NEW


Similar Part No. - NA580-R6GI-H110

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
NA580 AXIOMTEK-NA580_17 Datasheet
252Kb / 1P
1U Rackmount Network Appliance Platform with LGA1151 Socket
More results

Similar Description - NA580-R6GI-H110

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC-300R2UH ETC2-TC-300R2UH Datasheet
311Kb / 8P
1U redundant power supply
TC-350R2UH ETC2-TC-350R2UH Datasheet
300Kb / 8P
1U Redundant Power Supply
TC-400R2UH ETC2-TC-400R2UH Datasheet
299Kb / 8P
1U Redundant Power Supply
EFRP-S2407H ETC2-EFRP-S2407H Datasheet
330Kb / 2P
1U 400W Server Redundant Power Supply
PWS-703P-1R ETC1-PWS-703P-1R Datasheet
182Kb / 1P
700W 1U Redundant Power Supply Specification
PWS-704P-1R ETC1-PWS-704P-1R Datasheet
180Kb / 1P
700W 1U Redundant Power Supply Specification
PWS-721P-1R ETC1-PWS-721P-1R Datasheet
225Kb / 1P
720W 1U Redundant Power Supply Specification
PWS-920P-SQ ETC1-PWS-920P-SQ Datasheet
159Kb / 1P
920W 1U Redundant Power Supply Specification
PWS-1K41P-1R ETC1-PWS-1K41P-1R Datasheet
353Kb / 1P
1400W 1U Redundant Power Supply Specification
PWS-702A-1R ETC1-PWS-702A-1R Datasheet
229Kb / 1P
700W 1U Redundant Power Supply Specification
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com