Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCFP24 Datasheet(PDF) 14 Page - ASM GmbH

Part # PCFP24
Description  Flat Profile Housing with Analog Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PCFP24 Datasheet(HTML) 14 Page - ASM GmbH

Back Button PCFP24 Datasheet HTML 6Page - ASM GmbH PCFP24 Datasheet HTML 7Page - ASM GmbH PCFP24 Datasheet HTML 8Page - ASM GmbH PCFP24 Datasheet HTML 9Page - ASM GmbH PCFP24 Datasheet HTML 10Page - ASM GmbH PCFP24 Datasheet HTML 11Page - ASM GmbH PCFP24 Datasheet HTML 12Page - ASM GmbH PCFP24 Datasheet HTML 13Page - ASM GmbH PCFP24 Datasheet HTML 14Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
KAB-XM-M8/4F/W-LITZE
KAB-XM-M8/4F/W/69K-LITZE
IP69K:
KAB-XM-M8/4F/G-LITZE
KAB-XM-M8/4F/G/69K-LITZE
IP69K:
KAB-XM-M12/5F/G-M12/5M/G-CAN
KAB-XM-M12/5F/G/69K-M12/5M/G/69K-CAN
IP69K:
KAB-TCONN-M12/5M-2M12/5F-CAN
KAB-RTERM-M12/5M/G-CAN
Connectorcable
M8,4-pin
shielded
The 4-lead shielded cable is supplied with a
mating 4-pin 90° M8 connector at one end
and 4 wires at the other end. Available lengths
are 2, 5 and 10 m. Wire: cross sectional area
0.14 mm².
Order code:
Length in m
Connectorcable
M8,4-pin
shielded
The 4-lead shielded cable is supplied with a
mating 4-pin M8 connector at one end and 4
wires at the other end. Available lengths are
2, 5 and 10 m. Wire: cross sectional area
0.14 mm².
Order code:
Length in m
Signal wiring
M8,4-pin
Plugconnection/Cableconnection
1
2
3
4
brown
white
blue
black
POSICHRON®
Accessories
Connector Cables
Connector/buscable
M12,5-pin
CANbus
shielded
The 5-lead shielded cable is supplied with a
female 5-pin M12 connector at one end and
a male 5-pin M12 connector at the other end.
Available lengths are 0.3 m, 2 m, 5 m and
10 m.
Order code:
Length in m
Terminating
resistance
M12,5-pin
CANbus
T-pieceforbuscable
M12,5-pin
CANbus
Order code:
Order code:
DB-PCFP24-E-2013
www.asm-sensor.com
14/14
© ASM GmbH
info@asm-sensor.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com