Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCRP21 Datasheet(PDF) 1 Page - ASM GmbH

Part # PCRP21
Description  Round Profile Housing with Analog Output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PCRP21 Datasheet(HTML) 1 Page - ASM GmbH

  PCRP21 Datasheet HTML 1Page - ASM GmbH PCRP21 Datasheet HTML 2Page - ASM GmbH PCRP21 Datasheet HTML 3Page - ASM GmbH PCRP21 Datasheet HTML 4Page - ASM GmbH PCRP21 Datasheet HTML 5Page - ASM GmbH PCRP21 Datasheet HTML 6Page - ASM GmbH PCRP21 Datasheet HTML 7Page - ASM GmbH PCRP21 Datasheet HTML 8Page - ASM GmbH PCRP21 Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PCRP21-BFS4
PCRP21
Technische Daten
Outputen
Spannung
Strom
Auflösung
Siehe Spezifikation Output
Messrate
Bis zu 1 kHz, abhängig von der Messlänge
Linearität
Messlängen >500 mm: L10 = ±0,10 % vom Bereich
L02 = ±0,02 % vom Bereich
Messlängen ≤500 mm: L10 = ±0,5 mm
L02MM = ±0,2 mm
Wiederholgenauigkeit
±3 µm
Gehäusematerial
AlMgSi1 / Zn / V4A
Schutzart
IP64 (nur mit Gegenstecker)
Schockbelastung
EN 60068-2-27:2010, 50 g/11 ms, 100 Schocks
Vibration
EN 60068-2-6:2008, 20 g 10 Hz-2 kHz, 10 Zyklen
Elektrischer Anschluss
Stecker M12, 8-polig / Kabel 2 m
EMV, Temperatur
Siehe Spezifikation Output
Specifications
Output
Voltage
Current
Resolution
Refer to output specification
Sampling rate
Up to 1 kHz, depending on the measurement range
Linearity
Ranges >500 mm: L10 = ±0.10 % f.s.
L02 = ±0.02 % f.s.
Ranges ≤500 mm: L10 = ±0.5 mm
L02MM = ±0.2 mm
Repeatability
±3 µm
Housing material
AlMgSi1 / Zn / V4A
Protection class
IP64 (with mating connector only)
Shock
EN 60068-2-27:2010, 50 g 11 ms, 100 shocks
Vibration
EN 60068-2-6:2008, 20 g 10 Hz-2 kHz, 10 cycles
Connection
Connector M12, 8 pin / cable 2 m
EMC, temperature
Refer to output specification
POSICHRON® position sensor in round profile
• Protection class IP64
• Measurement range 0 ... 100 to 0 ... 5750 mm
• Absolute position measurement
• Contactless
• Absolutely wearless and maintenance-free for the
positioning magnet
• Analog output
Order code mounting set (see page 7)
POSICHRON®
PCRP21
Round Profile Housing with Analog Output
1 channel
Order code PCRP21
Model name
Measurement range (in mm)
100 ... 5750 (in 10 mm increments)
other lengths upon request
Output
U1
= 0 ... 10 V signal conditioner
U1/H
= U1 with Alarm_HOLD (see page 10)
U2
= 0.5 ... 10 V signal conditioner
U2/U; U2/H = U2 with Alarm_LOW; U2 with Alarm_HOLD (see page 10)
U8
= 0.5 ... 4.5 V signal conditioner
U8/U; U8/H = U8 with Alarm_LOW; U8 with Alarm_HOLD (see page 10)
I1
= 4 ... 20 mA signal conditioner (3 wire)
I1/U; I1/H
= I1 with Alarm_LOW; I1 with Alarm_HOLD (see page 10)
Function and characteristics output
P1A
= Position Magnet 1, increasing
P1D
= Position Magnet 1, decreasing
PMU
= Start value, direction & end value adjustable by the customer
Linearity
L02 / L02MM / L10 (for definition see "Specifications" above)
Connection
M12
= Connector M12, 8 pin
KAB2M
= Cable, standard length 2 m, other lengths upon request
DB-PCRP21-E-2013-11
www.asm-sensor.com
1/15
© ASM GmbH
info@asm-sensor.com


Similar Part No. - PCRP21

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
PCRP-44-G12-12-C-R1-M-T18 FESTO-PCRP-44-G12-12-C-R1-M-T18 Datasheet
89Kb / 2P
Compressed air filter regulator
2/27/22
PCRP-44-G12-12-E-R1-M-T18 FESTO-PCRP-44-G12-12-E-R1-M-T18 Datasheet
89Kb / 2P
Compressed air filter regulator
2/27/22
PCRP-44-G12-12-E-R1-M-T19 FESTO-PCRP-44-G12-12-E-R1-M-T19 Datasheet
89Kb / 2P
Compressed air filter regulator
2/27/22
PCRP-44-G14-12-C-R1-M-T18 FESTO-PCRP-44-G14-12-C-R1-M-T18 Datasheet
87Kb / 2P
Compressed air filter regulator
2/27/22
PCRP-44-G14-12-E-R1-M-T18 FESTO-PCRP-44-G14-12-E-R1-M-T18 Datasheet
87Kb / 2P
Compressed air filter regulator
2/27/22
More results

Similar Description - PCRP21

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PCFP21 ASM-SENSOR-PCFP21 Datasheet
287Kb / 7P
Position Sensor Flat Housing with Analog Output
PCFP23 ASM-SENSOR-PCFP23 Datasheet
1Mb / 14P
Flat Profile Housing with Analog Output
PCFP24 ASM-SENSOR-PCFP24 Datasheet
1Mb / 14P
Flat Profile Housing with Analog Output
PCFP25 ASM-SENSOR-PCFP25 Datasheet
1Mb / 13P
Ultra flat Profile Housing with analog Output
PCQA21 ASM-SENSOR-PCQA21 Datasheet
262Kb / 7P
Quad Profile Housing with Analog Output
PCQA22 ASM-SENSOR-PCQA22 Datasheet
1Mb / 16P
Square Profile Housing with Analog Output
PCQA23 ASM-SENSOR-PCQA23 Datasheet
608Kb / 6P
Square Profile Housing with Profibus Output
PCQA24 ASM-SENSOR-PCQA24 Datasheet
3Mb / 16P
Square Profile Housing with Analog Output
PCRP31 ASM-SENSOR-PCRP31 Datasheet
271Kb / 7P
Rod Profile with Analog Output
PCRP32 ASM-SENSOR-PCRP32 Datasheet
1Mb / 14P
Round Profile Housing with Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com