Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPS875 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # OPS875
Description  Open Pluggable Specification (OPS) compliance
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

OPS875 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  OPS875 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Overview
Embedded
Systems
Embedded
Systems for
Transportation
Embedded
Field
Controllers
Industrial
Firewall
Digital Signage
Solutions
5
390
axiomtek.com
© 2016 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
Embedded
MicroBoxes
Industrial
Barebone
Systems
Industrial
Chassis
Backplanes
Power
Supplies
Peripherals &
Accessories
OPS875
Intel® Core™ i7/i5/i3 Open Pluggable
Specification (OPS) Digital Signage Player
Features
● Open Pluggable Specification (OPS) compliance
● Supports socket G2 (rPGA988B) 3rd generation Intel® Core™
i7/i5/i3 processor
● Intel® HM76
● DDR3-1600 SO-DIMM max. up to 8 GB
● USB 3.0, PCI Express Mini Card
● Easy maintenance: pluggable HDD and easy-to-change DRAM
● HDMI interface for 2nd display
1. USB 2.0 x 4
2. HDMI
3. USB 3.0 x 2
4. Ethernet
5. RS-232
6. Audio (Mic-in)
7. Audio (Line-out)
8. Power Switch
9. Reset Button
10. HDD Indicator
11. Power Indicator
12. Wi-Fi Antenna (optional)
13. JAE TX-25
3
2
4
11
9
1
5
6
8
10
7
12
DDR3
DDR3
DDR3
USB 3.0
USB
USB
Intel OPS
Specifications
Main System
CPU
Supports socket G2 (rPGA988B) for 3rd
generation Intel® Core™ i7/i5/i3
processor
Chipset
Intel® HM76
System Memory 1 x 204-pin DDR3-1600 SO-DIMM
max. up to 8 GB
Storage
1 x 2.5" SATA HDD tray
BIOS
AMI UEFI BIOS
Watchdog Timer 255 levels, 1 ~ 255 sec.
I/O
2 x USB 3.0
4 x USB 2.0
1 x 10/100/1000Mbps Ethernet
1 x Power on/off button
1 x Reset button
1 x HDMI
1 x RS-232
1 x Audio (Line-out/Mic-in)
1 x DisplayPort (via OPS JAE interconnector) (Pure DP)
2 x USB 2.0 (via OPS JAE interconnector)
1 x USB 3.0 (via OPS JAE interconnector)
1 x HDMI/DVI (via OPS JAE interconnector)
1 x Audio (Line-out, via OPS JAE interconnector)
1 x UART (TX/RX, via OPS JAE interconnector)
Indicator
1 x LED for system power ON
1 x LED for HDD active
WiFi
Supports 802.11 b/g/n (optional)
Expansion Slot
1 x PCI Express Mini Card or mSATA
Dimensions
200 mm (7.87") (W) x 119 mm (4.68") (D)
x 30 mm (1.18") (H)
Packing Dimensions
270 mm (10.63") (W) x 197 mm (7.76") (D)
x 70 mm (2.76") (H)
Weight (net/gross)
1 kg (2.2 lb)/1.5 kg (3.3 lb)
Environmental
0°C ~ +45°C (32°F ~ 113°F) (With airow 0.5m/s)
Ordering Information
Standard
OPS875
OPS digital signage player supports socket G2 3rd
generation Intel® Core™ processor
Optional
AX93169
OPS docking board
* Specifications and certifications are based on options and may vary.
Optional OS Installation
Dimensions
Windows® 7, Windows® 8
Rear view
13
NEW
Updated February 04 2016.


Similar Part No. - OPS875

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
OPS875 AXIOMTEK-OPS875_17 Datasheet
273Kb / 1P
Open Pluggable Specification (OPS) Digital Signage Player with Intel Core i7/i5/i3 Processor
More results

Similar Description - OPS875

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
OPS830 AXIOMTEK-OPS830_14 Datasheet
312Kb / 2P
Open Pluggable Specification (OPS) compliance
OPS880 AXIOMTEK-OPS880 Datasheet
318Kb / 1P
Open Pluggable Specification (OPS) compliance
OPS500-501 AXIOMTEK-OPS500-501 Datasheet
291Kb / 1P
IntelR Open Pluggable Specification (OPS compliance)
OPS830-D2550-RC-NP AXIOMTEK-OPS830-D2550-RC-NP Datasheet
242Kb / 2P
Intel짰 Atom??Cedarview Open Pluggable Specification (OPS) Digital Signage Player
OPS870-HM AXIOMTEK-OPS870-HM_17 Datasheet
286Kb / 1P
Open Pluggable Specification (OPS) compliance
OPS883 AXIOMTEK-OPS883_17 Datasheet
295Kb / 1P
Open Pluggable Specification (OPS) Digital Signage Player with 4th Gen
OPS883-H AXIOMTEK-OPS883-H_17 Datasheet
342Kb / 1P
Open Pluggable Specification (OPS) Digital Signage Player with 4th Gen
OPS300-310 AXIOMTEK-OPS300-310 Datasheet
258Kb / 1P
Open Pluggable Specification (OPS) 4K Digital Signage Player
OPS500-520-H AXIOMTEK-OPS500-520-H Datasheet
168Kb / 1P
Open Pluggable Specification (OPS) 4K Digital Signage Player
OPS700-520 AXIOMTEK-OPS700-520 Datasheet
174Kb / 1P
Open Pluggable Specification-Plus (OPS) Digital Signage Player
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com