Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F402 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F402
Description  Serial Data Polynomial Generator/Checker
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F402 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button 74F402 Datasheet HTML 4Page - National Semiconductor (TI) 74F402 Datasheet HTML 5Page - National Semiconductor (TI) 74F402 Datasheet HTML 6Page - National Semiconductor (TI) 74F402 Datasheet HTML 7Page - National Semiconductor (TI) 74F402 Datasheet HTML 8Page - National Semiconductor (TI) 74F402 Datasheet HTML 9Page - National Semiconductor (TI) 74F402 Datasheet HTML 10Page - National Semiconductor (TI) 74F402 Datasheet HTML 11Page - National Semiconductor (TI) 74F402 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AC Operating Requirements
74F
54F
74F
Symbol
Parameter
TA ea25 C
TA VCC e Mil
TA VCC e Com
Units
VCC ea50V
Min
Max
Min
Max
Min
Max
ts(H)
Setup Time HIGH or LOW
45
60
50
ts(L)
SEI to CP
45
60
50
th(H)
Hold Time HIGH or LOW
0
10
0
ns
th(L)
SEI to CP
0
10
0
ts(H)
Setup Time HIGH or LOW
110
140
125
ts(L)
RFB to CP
110
140
125
th(H)
Hold Time HIGH or LOW
0
0
0
ns
th(L)
RFB to CP
0
0
0
ts(H)
Setup Time HIGH or LOW
135
160
150
ts(L)
S1 to CP
130
155
145
th(H)
Hold Time HIGH or LOW
0
0
0
ns
th(L)
S1 to CP
0
0
0
ts(H)
Setup Time HIGH or LOW
90
115
100
ts(L)
D to CP
90
115
100
th(H)
Hold Time HIGH or LOW
0
0
0
ns
th(L)
DtoCP
0
0
0
ts(H)
Setup Time HIGH or LOW
70
90
80
ts(L)
CWG to CP
55
80
65
th(H)
Hold Time HIGH or LOW
0
0
0
ns
th(L)
CWG to CP
0
0
0
tw(H)
Clock Pulse Width
40
70
45
ns
tw(L)
HIGH or LOW
40
50
45
tw(H)
MR Pulse Width HIGH
40
70
45
ns
tw(L)
P Pulse Width LOW
40
50
45
ns
trec
Recovery Time
30
40
35
MR to CP
trec
Recovery Time
50
65
60
ns
P to CP
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com