Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX87424-R2ST Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # EX87424-R2ST
Description  IEC61850-3/IEEE1613 Hardened Managed 24-port 10/100BASE and 4-port Gigabit Ethernet Switch with SFP options
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EX87424-R2ST Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  EX87424-R2ST Datasheet HTML 1Page - Axiomtek Co., Ltd. EX87424-R2ST Datasheet HTML 2Page - Axiomtek Co., Ltd. EX87424-R2ST Datasheet HTML 3Page - Axiomtek Co., Ltd. EX87424-R2ST Datasheet HTML 4Page - Axiomtek Co., Ltd. EX87424-R2ST Datasheet HTML 5Page - Axiomtek Co., Ltd. EX87424-R2ST Datasheet HTML 6Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EX87000 Series
www.EtherWAN.com
1
rev. A5
Overview
EtherWAN’s EX87000 Series provides a Hardened Fully Managed 28-port switching platform combining high performance
switching backbone with robust and secure management features required for mission critical and harsh environments
where sustained connectivity is crucial.
The EX87000 Series is equipped with twenty-four 10/100BASE Fast Ethernet ports, in combination with up to four Gigabit,
Fixed Fiber, or SFP Combo port options. Mountable on a 1U rack, the EX87000 Series is equipped with EtherWAN’s Alpha-
Ring self-healing technology, providing less than 15ms fault recovery time making it ideal for applications intolerant to
interruption.
Users are able to access management features such as port security, IGMP snooping, VLANs, GARP protocols, LACP, and
GOOSE messaging to name a few, via web browser, Telnet, SNMP, RMON, TFTP, and RS-232 console interfaces. With its
hardened-grade specifications and IEC61850 & IEEE1613 certifications, the EX87000 Series is capable of operating under
high EMI environments at the temperatures ranging from -40°C to 75°C, making it an ideal choice for harsh applications.
EtherWAN – "When Connectivity is Crucial."
Spotlight
•VersatileConnectivity
◦ Provides flexibility of 24-port 10/100BASE-TX/FX/BX/SFP plus 4-port Gigabit-TX/SX/LX/BX/SFP
•HardenedGrade
◦ Wide operating temperature range for extreme environments
◦ Fanless and ruggedized housing
◦ High shock and electric noise immunity
•KEMA-Certified
◦ IEC61850-3 and IEEE1613 performance tests conducted by KEMA
EX87000Series
IEC61850-3/IEEE1613HardenedManaged24-port10/100BASE
and4-portGigabitEthernetSwitchwithSFPoptions
SFP
Option
61850-3
IEC


Similar Part No. - EX87424-R2ST

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EX800 EXTECH-EX800 Datasheet
140Kb / 1P
ExStik짰 4-in-1 Water Quality Meter Kits
EX810 EXTECH-EX810 Datasheet
347Kb / 13P
1000 Amp Clamp Meters with IR Thermometer
EX810 EXTECH-EX810_15 Datasheet
243Kb / 1P
1000A Clamp Meters with IR Thermometers
EX820 EXTECH-EX820 Datasheet
347Kb / 13P
1000 Amp Clamp Meters with IR Thermometer
EX820 EXTECH-EX820 Datasheet
243Kb / 1P
1000A Clamp Meters with IR Thermometers
More results

Similar Description - EX87424-R2ST

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EX27000 AXIOMTEK-EX27000 Datasheet
1Mb / 6P
IEC61850-3/IEEE1613 Managed 24-port 10/100BASE and 4-port Gigabit Ethernet Switch with SFP options
EX47000 AXIOMTEK-EX47000 Datasheet
657Kb / 4P
IEC61850-3/IEEE1613 Hardened Unmanaged 8-port 10/100BASE Ethernet Switch
EX61000A AXIOMTEK-EX61000A Datasheet
741Kb / 6P
Industrial Managed 8-port 10/100BASE and 2-port Gigabit Ethernet Switch with SFP options
EX71000 AXIOMTEK-EX71000 Datasheet
853Kb / 6P
Hardened Managed 8-port 10/100BASE and 2-port Gigabit Ethernet Switch with SFP options
EX73000 AXIOMTEK-EX73000 Datasheet
789Kb / 6P
Hardened Managed 16-port 10/100BASE with 2-port Gigabit combo Ethernet Switch
EX74000 AXIOMTEK-EX74000 Datasheet
564Kb / 5P
Hardened Managed 6-port 10/100BASE with 2-port SFP Gigabit combo Ethernet Switch
EX77000 AXIOMTEK-EX77000 Datasheet
895Kb / 6P
Hardened Managed 24-port 10/100BASE and 4-port Gigabit Ethernet Switch with SFP options
EX78000 AXIOMTEK-EX78000 Datasheet
719Kb / 6P
Hardened Managed 10-port 10/100BASE and 2-port Gigabit Ethernet Switch
EX83000 AXIOMTEK-EX83000 Datasheet
886Kb / 6P
IEC61850/IEEE1613 Managed Hardened 16-port 10/100BASE with 2-port Gigabit combo Ethernet Switch
EX89000 AXIOMTEK-EX89000 Datasheet
732Kb / 6P
IEC61850-3/IEEE1613 Modulized Hardened Managed 24-port 10/100BASE and 4-port Gigabit Ethernet Switch with SFP options
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com