Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2AX103Z2 Datasheet(PDF) 5 Page - Semtech Corporation

Part # S2AX103Z2
Description  High Voltage Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

S2AX103Z2 Datasheet(HTML) 5 Page - Semtech Corporation

  S2AX103Z2 Datasheet HTML 1Page - Semtech Corporation S2AX103Z2 Datasheet HTML 2Page - Semtech Corporation S2AX103Z2 Datasheet HTML 3Page - Semtech Corporation S2AX103Z2 Datasheet HTML 4Page - Semtech Corporation S2AX103Z2 Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
 2008 Semtech Corp.
www.semtech.com
POWER DISCRETES
180pF THRU .39µF
Semtech Corporation
Power Discretes Products Division
200 Flynn Road, Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
Contact Information
Outline Drawing - Chip
s
n
o
i
s
n
e
m
i
D
e
z
i
S
e
d
o
C
)
m
o
N
(
L
)
m
m
(
.
n
I
)
m
o
N
(
W
)
m
m
(
.
n
I
)
x
a
M
(
T
)
m
m
(
.
n
I
)
x
a
M
(
B
M
)
m
m
(
.
n
I
20
7
2
.
)
0
9
.
6
(
0
5
2
.
)
0
4
.
6
(
0
5
2
.
)
0
4
.
6
(
0
4
0
.
)
0
1
.
1
(
30
7
3
.
)
0
4
.
9
(
0
5
3
.
)
0
9
.
8
(
0
5
2
.
)
0
4
.
6
(
0
4
0
.
)
0
1
.
1
(
40
7
4
.
0
.
2
1
(
0
5
4
.
)
5
.
1
1
(
0
0
3
.
)
0
6
.
7
(
0
4
0
.
)
0
1
.
1
(
50
7
5
.
)
5
.
4
1
(
0
5
5
.
)
0
.
4
1
(
0
0
3
.
)
0
6
.
7
(
0
4
0
.
)
0
1
.
1
(
60
7
6
.
)
0
.
7
1
(
0
5
6
.
)
6
.
6
1
(
0
0
3
.
)
0
6
.
7
(
0
4
0
.
)
0
1
.
1
(
e
z
i
S
"
S
"
r
o
f
s
n
o
i
s
n
e
m
i
D
)
1
(
e
z
i
S
e
d
o
C
)
m
o
N
(
L
)
m
m
(
.
n
I
)
m
o
N
(
W
)
m
m
(
.
n
I
)
x
a
M
(
T
)
m
m
(
.
n
I
)
x
a
M
(
B
M
)
m
m
(
.
n
I
2
S5
2
.
)
5
3
.
6
(
2
.
)
8
0
.
5
(
5
2
.
)
5
3
.
6
(
3
0
.
)
6
7
.
0
(
3
S6
3
.
)
4
1
.
9
(
1
3
.
)
7
8
.
7
(
5
2
.
)
5
3
.
6
(
3
0
.
)
6
7
.
0
(
4
S5
4
.
)
3
4
.
1
1
(
4
.
)
6
1
.
0
1
(
5
2
.
)
5
3
.
6
(
3
0
.
)
6
7
.
0
(
5
S6
5
.
)
2
2
.
4
1
(
2
5
.
)
2
.
3
1
(
5
2
.
)
5
3
.
6
(
3
0
.
)
6
7
.
0
(
6
S6
6
.
)
6
7
.
6
1
(
2
6
.
)
4
7
.
5
1
(
5
2
.
)
5
3
.
6
(
3
0
.
)
6
7
.
0
(
Note:
1. When ordering “S” size package type please
see Dimension Table “S”.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com