Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5AX103Z2 Datasheet(PDF) 2 Page - Semtech Corporation

Part # S5AX103Z2
Description  High Voltage Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

S5AX103Z2 Datasheet(HTML) 2 Page - Semtech Corporation

  S5AX103Z2 Datasheet HTML 1Page - Semtech Corporation S5AX103Z2 Datasheet HTML 2Page - Semtech Corporation S5AX103Z2 Datasheet HTML 3Page - Semtech Corporation S5AX103Z2 Datasheet HTML 4Page - Semtech Corporation S5AX103Z2 Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
 2008 Semtech Corp.
www.semtech.com
POWER DISCRETES
180pF THRU .39µF
Capability Matrix
V
k
1V
k
2V
k
3V
k
4V
k
5
A
I
E
E
D
O
C
E
Z
I
S
2
3
4
56
23456234562345623456
E
U
L
A
V
F
p
0
8
1
1
8
1
F
p
0
2
2
1
2
2
F
p
0
7
2
1
7
2
F
p
0
3
3
1
3
3
F
p
0
9
3
1
9
3
F
p
0
7
4
1
7
4
F
p
0
6
5
1
6
5
F
p
0
8
6
1
8
6
F
p
0
2
8
1
2
8
F
p
0
0
0
1
2
0
1
F
p
0
0
2
1
2
2
1
F
p
0
0
5
1
2
5
1
F
p
0
0
8
1
2
8
1
F
p
0
0
2
2
2
2
2
F
p
0
0
7
2
2
7
2
F
p
0
0
3
3
2
3
3
F
p
0
0
9
3
2
9
3
F
p
0
0
7
4
2
7
4
F
p
0
0
6
5
2
6
5
F
p
0
0
8
6
2
8
6
F
p
0
0
2
8
2
2
8
F
u
0
1
0
.
3
0
1
F
u
2
1
0
.
3
2
1
F
u
5
1
0
.
3
5
1
F
u
8
1
0
.
3
8
1
F
u
2
2
0
.
3
2
2
F
u
7
2
0
.
3
7
2
F
u
3
3
0
.
3
3
3
F
u
9
3
0
.
3
9
3
F
u
7
4
0
.
3
7
4
F
u
6
5
0
.
3
6
5
F
u
8
6
0
.
3
8
6
F
u
2
8
0
.
3
2
8
F
u
0
1
.
4
0
1
F
u
2
1
.
4
2
1
F
u
5
1
.
4
5
1
F
u
8
1
.
4
8
1
F
u
2
2
.
4
2
2
F
u
7
2
.
4
7
2
F
u
3
3
.
4
3
3
F
u
9
3
.
4
9
3
= Standard range K tolerance available from stock.
= Non standard capabilities



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com