Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX63242-R3B Datasheet(PDF) 4 Page - Axiomtek Co., Ltd.

Part # EX63242-R3B
Description  Industrial Managed 16-port 10/100BASE with 2-port Gigabit combo Ethernet Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EX63242-R3B Datasheet(HTML) 4 Page - Axiomtek Co., Ltd.

  EX63242-R3B Datasheet HTML 1Page - Axiomtek Co., Ltd. EX63242-R3B Datasheet HTML 2Page - Axiomtek Co., Ltd. EX63242-R3B Datasheet HTML 3Page - Axiomtek Co., Ltd. EX63242-R3B Datasheet HTML 4Page - Axiomtek Co., Ltd. EX63242-R3B Datasheet HTML 5Page - Axiomtek Co., Ltd. EX63242-R3B Datasheet HTML 6Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
EX63000 Series
www.EtherWAN.com
4
rev. A2
Application Diagram
Dimensions
125mm (4.92”)
Front
Side
Top
Bottom
Back



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com