Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRAS3EX Datasheet(PDF) 1 Page - ASM GmbH

Part # PRAS3EX
Description  Magnetic Angle Sensor with Analog Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRAS3EX Datasheet(HTML) 1 Page - ASM GmbH

  PRAS3EX Datasheet HTML 1Page - ASM GmbH PRAS3EX Datasheet HTML 2Page - ASM GmbH PRAS3EX Datasheet HTML 3Page - ASM GmbH PRAS3EX Datasheet HTML 4Page - ASM GmbH PRAS3EX Datasheet HTML 5Page - ASM GmbH PRAS3EX Datasheet HTML 6Page - ASM GmbH PRAS3EX Datasheet HTML 7Page - ASM GmbH PRAS3EX Datasheet HTML 8Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PRAS3EX
PRPT-BFS1
32
CAT-PR/PT-E-11
ASM
www.asm-sensor.com
Magnetic angle sensor 0 - 360° in a 36 mm dia.
housing
● Measurement range 0 - 360°+
● Protection class IP65
● Analog output
● With 10 mm shaft or 6 mm hollow shaft
● Magnetic measurement principle
● Dust-Ex-proof: II 3D Ex tD A22 IP65 T80°C X
● SIL in preparation
Specifications
Outputs
U6
U2
I1
Voltage 0.5 ... 4.5 V ratiometric
Voltage 0.5 ... 10 V
Current 4 ... 20 mA, 3 wire
Measurement range
0 ... 15° to 0 ... 360° in 15° increments
Resolution
0.03 % (60 ... 360); 0.1 % (15 ... 45°)
Repeatability
±0.03 % (60 ... 360°); ±0.1 % (15 ... 45°)
Linearity
±0.3 % f.s. (typ.)
Protection class
IP65
Signal characteristics
CW, CCW
Material
Stainless steel
Mounting
Clamps, mounting plate
Shock
EN60068-2-27:1993, 100 g/11 ms, 100 shocks
Vibration
EN60068-2-6:1995, 20 g 10 Hz-2 kHz, 10 cycles
Life cycle of bearings
100 x 106 revolutions (<1500 r.p.m.)
Revolutions per minute (mech.)
Max. 10,000 r.p.m.
Allowable shaft load
100 N radial, 100 N axial
Temperature
-20 to +40 °C
Dust-Ex-proof standard
DIN EN61241-0, DIN EN61241-1
Order Code PRAS3EX
Model name
Shaft
V
= 10 mm shaft
H
= 6 mm hollow shaft
Measurement range 15 ... 360° in steps of 15°
15 / 30 / 45 / ... / 345 / 360
Output (see page 46)
U6
= 0.5 ... 4.5 V ratiometric
U2
= 0.5 ... 10 V
I1
= 4 ... 20 mA, 3 wire
Signal characteristics
CW
= Signal increasing CW
CCW
= Signal increasing CCW
Connection
M12A5
= 5-pin socket M12 axial (compatible with 4-pin connector)
M12R5
= 5-pin socket M12 radial (compatible with 4-pin connector)
Order example: PRAS3EX - V - 360 - I1 - CW - M12A5
Order code mounting clamps (set of 3 pieces)
POSIROT®
PRAS3EX - Dust-Ex-proof
Magnetic Angle Sensor with Analog Output


Similar Part No. - PRAS3EX

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PRAS3 ASM-SENSOR-PRAS3 Datasheet
2Mb / 52P
Angle Sensors and Encoders Contents
More results

Similar Description - PRAS3EX

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
AWS ASM-SENSOR-AWS Datasheet
167Kb / 5P
Angle sensor with analog output
PTAM20 ASM-SENSOR-PTAM20 Datasheet
228Kb / 1P
Inclination Sensor with Analog Output
PTAM2 ASM-SENSOR-PTAM2 Datasheet
764Kb / 6P
Inclination Sensor with Analog Output
PTAS2 ASM-SENSOR-PTAS2 Datasheet
684Kb / 7P
Magnetic inclination sensor with analog output
PRAS27 ASM-SENSOR-PRAS27 Datasheet
648Kb / 10P
Magnetic Angle Sensor with Analog Output
PRAS2EX ASM-SENSOR-PRAS2EX Datasheet
708Kb / 8P
Magnetic Angle Sensor with Analog Output
PRAS5 ASM-SENSOR-PRAS5 Datasheet
767Kb / 16P
Magnetic Angle Sensor with Analog Output
PRAS5EX ASM-SENSOR-PRAS5EX Datasheet
561Kb / 8P
Magnetic Angle Sensor with Analog Output
PRAS26 ASM-SENSOR-PRAS26 Datasheet
849Kb / 7P
Magnetic Angle Sensor with Analog Output
PRDS5 ASM-SENSOR-PRDS5 Datasheet
637Kb / 10P
Magnetic Angle Sensor with Incremental Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com