Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR6 Datasheet(PDF) 1 Page - Cree, Inc

Part # LR6
Description  LED Downlight
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LR6 Datasheet(HTML) 1 Page - Cree, Inc

  LR6 Datasheet HTML 1Page - Cree, Inc LR6 Datasheet HTML 2Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
T
(800) 236-6800 F (262) 504-5415
US: www.cree.com/lighting
T
(800) 473-1234 F (800) 890-7507
Canada: www.cree.com/canada
6
4.625
7.375
5.5
Rev. Date: 04/07/2014
* Reference www.cree.com/lighting for recommended dimmers
† See www.cree.com/lighting/products/warranty for warranty terms
Ordering Information
Example: LR6
Product
LR6
2700K, Edison Base
LR6-GU24
2700K, GU24 Base
LR6C
3500K, Edison Base
LR6C-GU24
3500K, GU24 Base
Product Description
The LR6™ LED downlight delivers 650 lumens of exceptional 90+ CRI light while
achieving over 60 lumens per watt. This breakthrough performance is achieved by
combining the high efficacy and high-quality light of Cree TrueWhite® Technology. The
LR6 is available in warm or neutral color temperatures and has a variety of trim options.
It easily installs into most standard six-inch recessed IC or non-IC housings, making the
LR6 perfect for use in commercial new construction or retrofit applications.
Performance Summary
Utilizes Cree TrueWhite® Technology
Active Color Management
Delivered Light Output: 650 lumens
Input Power: 10.5 watts
CRI: 90
CCT: 2700K, 3500K
Limited Warranty†: 10 years
Lifetime: Designed to last 50,000 hours
Dimming: Dimmable to 20%*
Housing & Accessories
Reference Housing & Accessory documents for more details.
Trims
LT6A
Diffuse anodized finish
LT6AW
Wheat diffuse anodized finish
LT6AP
Pewter diffuse anodized finish
LT6AB
Black anodized finish
LT6WH
Smooth white
LT6BB
Flat black finish trim and reflector
Housing (Edison or GU24)
H6
Architectural
RC6
New Construction
RR6
Retrofit
SC6
Cylindrical Surface Mount
SC6-CM
Cylindrical Cord Mount
SC6-WM
Cylindrical Wall Mount
For full list of Cree Quick Ship products visit www.cree.com/lighting/quickship
LR6™
6" LED Downlight
Click below to select Quick Ship products
RC6-12W


Similar Part No. - LR6

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LR6 AMSOSRAM-LR6 Datasheet
326Kb / 2P
Standardized LED Bulbs
logo
PATLITE CORPORATION.
LR6-02L8NK PATLITE-LR6-02L8NK Datasheet
1Mb / 11P
Signal Tower
Rev. B
LR6-02L8NW PATLITE-LR6-02L8NW Datasheet
1Mb / 11P
Signal Tower
Rev. B
LR6-02MCNW PATLITE-LR6-02MCNW Datasheet
1Mb / 8P
Signal Tower
Rev. E
LR6-02MCNW-RYG PATLITE-LR6-02MCNW-RYG Datasheet
1Mb / 8P
Signal Tower
Rev. E
More results

Similar Description - LR6

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLSO-LVDL13W-90 P-TEC-PLSO-LVDL13W-90 Datasheet
191Kb / 2P
Dimmable LED Downlight
logo
Dialight Corporation
RTO0W07001 DIALIGHT-RTO0W07001 Datasheet
147Kb / 2P
DuroSite짰 Series LED Downlight
RTO2W07001 DIALIGHT-RTO2W07001 Datasheet
147Kb / 2P
SafeSite짰 Series LED Downlight
logo
Cree, Inc
CR6-625L-27K-12-E26 CREE-CR6-625L-27K-12-E26 Datasheet
524Kb / 2P
CR6 LED Downlight - 6
LE6 CREE-LE6 Datasheet
751Kb / 2P
6 Adjustable LED Downlight
LR4 CREE-LR4 Datasheet
424Kb / 2P
Architectural LED Downlight
LR6-7L-27K-GU24-E26 CREE-LR6-7L-27K-GU24-E26 Datasheet
421Kb / 2P
LED Downlight
LR6-10L-35K-120V-A-DR CREE-LR6-10L-35K-120V-A-DR Datasheet
399Kb / 2P
LED Downlight
LR6-18L-35K-120V-A-DR CREE-LR6-18L-35K-120V-A-DR Datasheet
397Kb / 2P
LED Downlight
LR6-DR650 CREE-LR6-DR650 Datasheet
506Kb / 2P
Deep Recess LED Downlight
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com