Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS31-250-R1K-L35-2 Datasheet(PDF) 21 Page - ASM GmbH

Part # WS31-250-R1K-L35-2
Description  Compact OEM sensors for large order volumes
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS31-250-R1K-L35-2 Datasheet(HTML) 21 Page - ASM GmbH

Back Button WS31-250-R1K-L35-2 Datasheet HTML 17Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 18Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 19Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 20Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 21Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 22Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 23Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 24Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 25Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
POSIWIRE®
WS42
Incremental encoder output
DB-WS42-E-2015-06
1.0.0 | © ASM GmbH
6/15
www.asm-sensor.com
Tel. +49 (0)8123 - 986 - 0
Incremental encoder output
Compact OEM sensor for large order
volumes
•
Measurement range up to 1000 mm
•
Protection class IP50
•
Mounting selectable between mounting
brackets or spacer nuts
•
Incremental encoder output
Specifications
Output
IE24LI
= Incremental encoder TTL compatible
IE24HI
= Incremental encoder HTL compatible
Resolution
6 pulses / mm (24 edges / mm)
Linearity
±0.20% f.s.
Sensing device
Incremental encoder
Housing material
Plastic, aluminium
measuring cable: stainless steel
Protection class
IP50
Connection
Cable output radial, length approx. 3 m
Temperature range
0 ... +60 °C, max. 85 % RH, non condensing
Weight
Approx. 130 g
Pull-out force
1.7 N
EMC
EN 61326-1:2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com