Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC33020HCSTRT Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC33020HCSTRT
Description  2A Load Switch with Reverse Current Blocking
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC33020HCSTRT Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC33020HCSTRT Datasheet HTML 7Page - Semtech Corporation SC33020HCSTRT Datasheet HTML 8Page - Semtech Corporation SC33020HCSTRT Datasheet HTML 9Page - Semtech Corporation SC33020HCSTRT Datasheet HTML 10Page - Semtech Corporation SC33020HCSTRT Datasheet HTML 11Page - Semtech Corporation SC33020HCSTRT Datasheet HTML 12Page - Semtech Corporation SC33020HCSTRT Datasheet HTML 13Page - Semtech Corporation SC33020HCSTRT Datasheet HTML 14Page - Semtech Corporation SC33020HCSTRT Datasheet HTML 15Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
SC33020H

is related to the PCB stray inductance and the placement
of the capacitors. The input capacitor C and output
capacitor C2 need to be placed close to the SC33020H. It
is important to keep the voltage ringing below the
maximum voltage rating of the SC33020H.
Evaluation Board Information
The Top Layer and Bottom Layer of a standard evaluation
board are shown in Fig. 3 and Fig. 4, respectively.
Both T and T2 test points are Kelvin connections which
can be used to minimize the measurement error of R
ON.
To enable the part, a jumper can be used between VIN
and EN on J. To disable the part, a jumper can be con-
nected between EN and GND on J. C3 is an optional
solution to improve ringing at input rail during turn-off
and reverse blocking conditions.
C1
C2
SC33020H
LPCB
VIN
VOUT
LPCB
GND
LPCB
LPCB
ISW
1uF
IOUT
RL
1uF
LPCB
IIN
+
-
Figure 2 - PCB Circuit with Equivalent Parasitic
Inductance
Application Information, Cont.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com