Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC6053AM1 Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # ISC6053AM1
Description  FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

ISC6053AM1 Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  ISC6053AM1 Datasheet HTML 1Page - Isahaya Electronics Corporation ISC6053AM1 Datasheet HTML 2Page - Isahaya Electronics Corporation ISC6053AM1 Datasheet HTML 3Page - Isahaya Electronics Corporation ISC6053AM1 Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ISC6053AM1
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION
SILICON NPN EPITAXIAL TYPE
DESCRIPTION
ISC6053AM1 is a silicon NPN epitaxial type transistor
Designed with high collector current, low V
CE(sat).
FEATURE
●High collector current
I
C(MAX)=650mA
●Low collector to emitter saturation voltage
V
CE(sat)<0.5Vmax
APPLICATION
For switching application, small type motor drive application.
MAXIMUM RATINGS(Ta=25℃)
Symbol
Parameter
Ratings
Unit
V
CEO
Collector to Emitter voltage
20
V
V
CBO
Collector to Base voltage
25
V
V
EBO
Emitter to Base voltage
4
V
I
C
Collector current
650
mA
P
C
Collector dissipation
200
mW
T
j
Junction temperature
150
℃
T
stg
Storage temperature
-55~150
℃
ELECTRICAL CHARACTERISTICS(Ta=25℃)
Symbol
Parameter
Test condition
Limits
Unit
Min
Typ
Max
V
(BR)CEO
C to E break down voltage
IC=100uA, IB=0
20
V
V
(BR)CBO
C to B break down voltage
IC=10uA, IE=0
25
V
V
(BR)EBO
E to B break down voltage
IE=10uA, IC=0
4
V
I
CBO
Collector cut off current
VCB=25V, IE=0
1
uA
I
EBO
Emitter cut off current
VEB=2V, IC=0
1
uA
h
FE※
DC forward current gain
VCE=4V,IC=100mA
150
800
-
V
CE(sat)
C to E saturation voltage
IC=500mA, IB=25mA
0.3
0.5
V
f
T
Gain band width product
VCE=6V,IE=-10mA,
290
MHz
*:It shows hFE classification in below table.
OUTLINE DRAWING
Unit:mm
TERMINAL CONNECTOR
①:BASE
②:EMITTER
③:COLLECTOR
JEITA:SC-70
JEDEC: -
MARKING
1.25
0.425
2.1
①
②
③
0.425
B
・
G
Type Name
hFE ITEM
ITEM
E
F
G
hFE
150~300
250~500
400~800


Similar Part No. - ISC6053AM1

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
ISC6053AU1 ISAHAYA-ISC6053AU1 Datasheet
197Kb / 4P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
More results

Similar Description - ISC6053AM1

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
2SA2166 ISAHAYA-2SA2166 Datasheet
148Kb / 4P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
2SC6046 ISAHAYA-2SC6046 Datasheet
69Kb / 4P
GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
2SC3441 ISAHAYA-2SC3441_10 Datasheet
131Kb / 3P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
2SC6046 ISAHAYA-2SC6046_10 Datasheet
114Kb / 4P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
2SC6120 ISAHAYA-2SC6120_10 Datasheet
111Kb / 4P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
INC1001AC1 ISAHAYA-INC1001AC1 Datasheet
115Kb / 2P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
ISC3581AS1 ISAHAYA-ISC3581AS1 Datasheet
157Kb / 3P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
ISC6046AU1 ISAHAYA-ISC6046AU1 Datasheet
132Kb / 4P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
ISC6053AU1 ISAHAYA-ISC6053AU1 Datasheet
197Kb / 4P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
RT3C77M ISAHAYA-RT3C77M Datasheet
129Kb / 2P
Composite Transistor For General Purpose High Current Drive Application Silicon NPN Epitaxial Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com